Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3544M-L/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3544M-L/NOPB
Description  Quad Port USB Power Distribution Switch and Over-Current Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544M-L/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3544M-L/NOPB Datasheet HTML 7Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 8Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 9Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 10Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 11Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 12Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 13Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 14Page - Texas Instruments LM3544M-L/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LM3544
www.ti.com
SNVS062C – AUGUST 2000 – REVISED MAY 2013
Figure 24. Thermal Shutdown Characteristics when both
First-Stage and Second-Stage Thermal-Shutdown Modes are Needed
In Figure 23, port 1 is enabled into a short. When this occurs, the MOSFET switch of port 1 repeatedly opens
and closes as the device temperature rises and falls between 145°C and 135°C. In this example, the device
temperature never rises above 160°C. The second stage thermal shutdown is not used and port 2 remains
operational.
When port 1 is enabled into a short in the example illustrated in Figure 24, the device temperature immediately
rises above 160°C. A higher ambient temperature or a larger number of shorted outputs can cause the junction
temperature to increase, resulting in the difference in behavior between the current example and the previous
one. When the junction temperature reaches 160°C, all four ports are disabled (ports 3 and 4 are not shown in
the figure) and all four fault-flag signals are asserted. Just prior to time index 2.5 ms, the device temperature falls
below 135°C, all four ports activate, and all four fault flags are removed. The short condition remains on port 1,
however. For the remainder of the example, the device temperature cycles between 135°C and 145°C, causing
port 1 to repeatedly turn on and off but allowing the un-shorted ports to function normally.
SOFT START
When a power switch is enabled, high levels of current will flow instantaneously through the LM3544 to charge
the large capacitance at the output of the port. This is likely to exceed the over-current threshold of the device, at
which point the LM3544 will enter its current-limit mode. The amount of current used to charge the output
capacitor is then set by the current-limit circuitry. The device will exit the current-limit mode when the current
needed to continue to charge the output capacitor is less than the LM3544 current-limit level.
FAULT FLAG
The fault flags are open-drain outputs, each capable of sinking up to a 10 mA load current to typically 100 mV
above ground.
A parasitic diode exists between the flag pins and VIN pins. Pulling the flag pins to voltages higher than VIN will
forward bias this diode and will cause an increase in supply current. This diode will also clamp the voltage on the
flag pins to a diode drop above VIN.
The fault flag is active (pulled low) when any of the following conditions are present: under-voltage, current-limit,
or thermal-shutdown.
The LM3544 has an internal delay in reporting fault conditions that is typically 7 ms in length. In start-up, the
delay gives the device time to charge the output capacitor(s) and exit the current-limit mode before a flag signal
is set. This delay also prevents flag signal glitches from occurring when brief changes in operating conditions
momentarily place the LM3544 into one of its three error conditions. If an error condition still exists after the delay
interval has elapsed, the appropriate fault flag(s) will be asserted (pulled low) until the error condition is removed.
In most applications, the 7 ms internal flag delay eliminates the need to extend the delay with an external RC
delay network.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com