Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AMX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM335AMX/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AMX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM335AMX/NOPB Datasheet HTML 1Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 2Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 3Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 4Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 5Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 6Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 7Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 8Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
6.5 Temperature Accuracy: LM335, LM335A
(1)
LM335A
LM335
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Operating Output Voltage
TC = 25°C, IR = 1 mA
2.95
2.98
3.01
2.92
2.98
3.04
V
Uncalibrated Temperature Error
TC = 25°C, IR = 1 mA
1
3
2
6
°C
Uncalibrated Temperature Error
TMIN ≤ TC ≤ TMAX, IR = 1
2
5
4
9
°C
mA
Temperature Error with 25°C
TMIN ≤ TC ≤ TMAX, IR = 1
0.5
1
1
2
°C
mA
Calibration
Calibrated Error at Extended
TC = TMAX (Intermittent)
2
2
°C
Temperature
Non-Linearity
IR = 1 mA
0.3
1.5
0.3
1.5
°C
(1)
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered.
6.6 Electrical Characteristics
See
(1).
LM135/LM235/LM135A/LM
LM335/LM335A
235A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Operating Output Voltage Change
400
μA ≤ IR ≤ 5 mA, At
2.5
10
3
14
mV
with Current
Constant Temperature
Dynamic Impedance
IR = 1 mA
0.5
0.6
Ω
Output Voltage Temperature
10
10
mV/°C
Coefficient
Time Constant
Still Air
80
80
sec
100 ft/Min Air
10
10
sec
Stirred Oil
1
1
sec
Time Stability
TC = 125°C
0.2
0.2
°C/khr
(1)
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com