Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM335AMX/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM335AMX/NOPB Datasheet HTML 1Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 2Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 3Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 4Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 5Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 6Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 7Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 8Page - Texas Instruments LM335AMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM135, LM135A, LM235, LM235A, LM335, LM335A
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
LMx35, LMx35A Precision Temperature Sensors
1 Features
3 Description
The LM135 series are precision, easily-calibrated,
1
•
Directly Calibrated to the Kelvin Temperature
integrated circuit temperature sensors. Operating as
Scale
a 2-terminal zener, the LM135 has a breakdown
•
1°C Initial Accuracy Available
voltage directly proportional to absolute temperature
•
Operates from 400
μA to 5 mA
at 10 mV/°K. With less than 1-
Ω dynamic impedance,
the device operates over a current range of 400
μA to
•
Less than 1-
Ω Dynamic Impedance
5 mA with virtually no change in performance. When
•
Easily Calibrated
calibrated at 25°C, the LM135 has typically less than
•
Wide Operating Temperature Range
1°C error over a 100°C temperature range. Unlike
other sensors, the LM135 has a linear output.
•
200°C Overrange
•
Low Cost
Applications for the LM135 include almost any type of
temperature
sensing
over
a
−55°C
to
150°C
temperature range. The low impedance and linear
2 Applications
output make interfacing to readout or control circuitry
•
Power Supplies
are especially easy.
•
Battery Management
The LM135 operates over a
−55°C to 150°C
•
HVAC
temperature range while the LM235 operates over a
•
Appliances
−40°C to 125°C temperature range. The LM335
operates from
−40°C to 100°C. The LMx35 devices
are available packaged in hermetic TO transistor
packages while the LM335 is also available in plastic
TO-92 packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM135
TO-46 (3)
4.699 mm × 4.699 mm
LM135A
LM235
TO-92 (3)
4.30 mm × 4.30 mm
LM235A
LM335
SOIC (8)
4.90 mm × 3.91 mm
LM335A
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Basic Temperature Sensor Simplified Schematic
Calibrated Sensor
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM335AMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM335AMX/NOPB TI1-LM335AMX/NOPB Datasheet
1Mb / 24P
LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
More results

Similar Description - LM335AMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM135 TI-LM135_15 Datasheet
1Mb / 28P
LMx35, LMx35A Precision Temperature Sensors
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
Precision Wirewound Temperature Sensors
201907_002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com