Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477AMM/NOPB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3477AMM/NOPB.B
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMM/NOPB.B Datasheet(HTML) 4 Page - Texas Instruments

  LM3477AMM/NOPB.B Datasheet HTML 1Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 2Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 3Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 4Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 5Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Specifications in Standard type face are for TJ = 25°C, and in bold type face apply over the full Operating Temperature
Range. Unless otherwise specified, VIN = 12V.
Symbol
Parameter
Conditions
Typical
Limit
Units
ISUPPLY
Supply Current (switching)
(2)
2.0
mA
3.0
mA (max)
IQ
Quiescent Current in Shutdown Mode
(3), V
IN = 5V
5
µA
8
µA (max)
VCL(O)
Current Limit Voltage at 0% Duty Cycle
LM3477
155
mV
130/125
mV (min)
185/190
mV (max)
LM3477A
165
mV
140/135
mV (min)
195/200
mV (max)
VCL(100)
Current Limit Voltage at 100% Duty
LM3477
74
mV
Cycle
50/43
mV (min)
98/98
mV (max)
LM3477A
65
mV
41/25
mV (min)
89/98
mV (max)
VSC
Short-Circuit Current Limit Sense
VIN = 5V, LM3477
350
mV
Voltage
270
mV (min)
420
mV (max)
VIN = 5V, LM3477A
310
mV
260
mV (min)
380
mV (max)
VSL
Internal Compensation Ramp Voltage
VIN = 5V, LM3477
83
mV
Height
VIN = 5V, LM3477A
103
VOVP
Output Over-voltage Protection (with
VCOMP = 1.4V
50
mV
32/25
respect to feedback voltage) (4)
mV(min)
78/85
mV(max)
VOVP(HYS)
Output Over-Voltage Protection
VCOMP = 1.4V
60
mV
Hysteresis(4)
20
mV(min)
110
mV(max)
Gm
Error Amplifier Transconductance
VCOMP = 1.4V
750
µmho
IEAO = 100µA (Source/Sink)
600/365
µmho (min)
1000/1265
µmho (max)
AVOL
Error Amplifier Voltage Gain
VCOMP = 1.4V
38
V/V
IEAO = 100µA (Source/Sink)
30
V/V (min)
42
V/V (max)
IEAO
Error Amplifier Output Current (Source/
Source, VCOMP = 1.4V, VFB =
100
µA
Sink)
0V
75/50
µA (min)
130/160
µA (max)
Sink, VCOMP = 1.4V, VFB = 1.4V
−140
µA
−110/−95
µA (min)
−170/−180
µA (max)
VEAO
Error Amplifier Output Voltage Swing
Upper Limit
2.2
V
VFB = 0V
2.0
V(min)
COMP Pin = Floating
2.35
V(max)
Lower Limit
0.75
V
VFB = 1.4V
0.5
V(min)
0.95
V(max)
TSS
Internal Soft-Start Delay
VFB = 1.2V, VCOMP = Floating
5
msec
Tr
Drive Pin Rise Time
CGS = 3000pF, VDR = 0 to 3V
25
ns
Tf
Drive Pin Fall Time
CGS = 3000pF, VDR = 0 to 3V
25
ns
(2)
For this test, the COMP/SD pin must be left floating.
(3)
For this test, the COMP/SD pin must be pulled low.
(4)
The over-voltage protection is specified with respect to the feedback voltage. This is because the over-voltage protection tracks the
feedback voltage. The overvoltage protection threshold is given by adding the feedback voltage, VFB to the over-voltage protection
specification.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com