Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477AMM/NOPB.B Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3477AMM/NOPB.B
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477AMM/NOPB.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3477AMM/NOPB.B Datasheet HTML 2Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 3Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 4Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 5Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 9Page - Texas Instruments LM3477AMM/NOPB.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
VIN (Volts)
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
1.5
1.75
2
2.25
2.5
2.75
3
0
5
10
15
20
25
30
35
40
VIN (Volts)
-40
oC
25
oC
125
oC
0
200
400
600
-40
0
40
80
120
Temperature
oC
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
35
40
VIN (Volts)
-40
oC
85
oC
25
oC
1.5
1.75
2
2.25
2.5
2.75
0
5
10
15
20
25
30
35
40
VIN (Volts)
-40
oC
25
oC
125
oC
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, VIN = 12V, TJ = 25°C.
IQ (Shutdown) vs Temperature & Supply Voltage
ISupply vs Temperature & Supply Voltage (Non-Switching)
Figure 3.
Figure 4.
ISupply vs Temperature & Supply Voltage (Switching)
Frequency vs Temperature
Figure 5.
Figure 6.
VCB−VSW vs Supply Voltage
COMP Pin Voltage vs Load Current
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com