Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431ACM3/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM431ACM3/NOPB
Description  LM431 Adjustable Precision Zener Shunt Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM431ACM3/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM431ACM3/NOPB Datasheet HTML 1Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 2Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 3Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 4Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 5Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 6Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 7Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 8Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM431
www.ti.com
SNVS020H – MAY 2000 – REVISED JANUARY 2016
5 Pin Configuration and Functions
D Package
DBZ Package
8-Pin SOIC
3-Pin SOT-23
Top View
Top View
Note: NC = Not internally connected.
LP Package
3-Pin TO-92
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC
SOT-23
TO-92
Anode
2, 3, 6, 7
3
3
O
Anode pin, normally grounded
Cathode
1
1
1
I/O
Shunt current/output voltage
NC
4, 5
—
—
—
No connect
Reference
8
2
2
I
Reference pin for adjustable output voltage
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com