Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431ACM3/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM431ACM3/NOPB
Description  LM431 Adjustable Precision Zener Shunt Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM431ACM3/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM431ACM3/NOPB Datasheet HTML 1Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 2Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 3Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 4Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 5Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 6Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 7Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 8Page - Texas Instruments LM431ACM3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM431
SNVS020H – MAY 2000 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Cathode voltage
37
V
Reference voltage
–0.5
V
Continuous cathode current
–10
150
mA
Reference input current
10
mA
TO-92 package
0.78
W
Internal power
SOIC package
0.81
W
dissipation(3)(4)
SOT-23 package
0.28
W
Industrial (LM431xI)
–40
85
°C
Operating temperature
Commercial (LM431xC)
0
70
°C
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
TJ Max = 150°C.
(4)
Ratings apply to ambient temperature at 25°C. Above this temperature, derate the TO-92 at 6.2 mW/°C, the SOIC at 6.5 mW/°C, the
SOT-23 at 2.2 mW/°C.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Cathode voltage
VREF
37
V
Cathode current
1
100
mA
6.4 Thermal Information
LM431
THERMAL METRIC(1)
D (SOIC)
DBZ (SOT-23)
LP (TO-92)
UNIT
8 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
126.9
267.7
162.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
72.2
138.3
85.8
°C/W
RθJB
Junction-to-board thermal resistance
67.5
61
—
°C/W
ψJT
Junction-to-top characterization parameter
21.1
21.5
29.4
°C/W
ψJB
Junction-to-board characterization parameter
67
60.1
141.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com