Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 74 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 74 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 70Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 71Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 72Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 73Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 74Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 75Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 76Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 77Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 78Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 234 page
background image
TVS diodes for mobile applications
V
RWM
V
BR min
V
BR max
I
PPM 8/20µs
V
CL 8/20µs
Type
Package
Size
3.3
4.7
-
34
13.2
PTVS3V3D1BAL
DFN1006-2 (SOD882)
1.0 x 0.6 x 0.48
4.5
4.7
-
34
13.2
PTVS4V5D1BL
5.5
5.6
7.6
35
12.2
PTVS5V5D1BL
3.3
3.8
6.8
70
11
PTVS3V3Z1BSC
DSN1006-2 (SOD993B)
1.0 x 0.6 x 0.27
5
5.5
8.3
60
12
PTVS5V0Z1BSC
P
PPM
10/1000µs
V
RWM
V
BR min
V
BR max
I
PPM
8/20µs
V
CL 8/20µs
I
PPM
10/1000µs
V
CL
10/1000µs
Type
Package
Size
300
7.5
8.33
9.21
178
19.7
23.3
12.9
PTVS7V5U1UPA
DFN2020-3
(SOT1061)
2.0 x 2.0 x 0.62
10
11.1
12.3
148
23
17.6
17
PTVS10VU1UPA
12
13.3
14.7
131
25.2
15.1
19.9
PTVS12VU1UPA
15
16.7
18.5
111
28.8
12.3
24.4
PTVS15VU1UPA
18
20
22.1
97
32
10.3
29.2
PTVS18VU1UPA
20
22.2
24.5
98.5
38.7
9.2
32.5
PTVS20VU1UPA
22
24.4
26.9
88.5
41
8.4
35.5
PTVS22VU1UPA
24
26.7
29.5
79
44.2
7.7
38.8
PTVS24VU1UPA
26
28.9
31.9
69
43.5
7
43
PTVS26VU1UPA
V
RWM (V)
V
br min
(V)
V
br max
(V)
8/20µs pulse
10/1000µs pulse
I
Rm typ
@ V
RWM
(nA)
I
Rm max
@ V
RWM
(nA)
R
dyn
(TLP)
Type
Package
Size
V
cl @
I
ppm
(V)max
V
CL @
I
ppm (A)
V
cl @ Ippm
(V)max
I
ppm (A)
5
6.4
7.8
19.4
100
12
20
25
1000
0.1
PTVS5V0Z1USKP
DSN1608-2
(SOD964)
1.6 x 0.8 x 0.27
18
80
12
20
25
1000
0.06
PTVS5V0Z1USK
7.5
8.33
9.65
22
100
13.5
17
1
200
0.08
PTVS7V5Z1USK
10
11.1
12.9
27
75
18.2
12.5
0.1
200
0.11
PTVS10VZ1USK
12
13.1
15.4
29
65
21.8
10.5
0.1
200
0.11
PTVS12VZ1USK
15
16.7
19.4
26
52
27.4
7.5
0.1
200
0.13
PTVS15VZ1USK
18
20
23.2
44
41
32.8
6.4
0.1
200
0.17
PTVS18VZ1USK
20
22.2
25.4
48.3
41
36.9
6
1
200
0.2
PTVS20VZ1USK
22
24.4
26.9
51
39
40
5
0.1
200
0.2
PTVS22VZ1USK
26
28.9
33.4
57.5
32
46
4.5
0.1
200
0.15
PTVS26VZ1USK
Transient Voltage Surge Suppressor (TVS)
Nexperia selection guide 2020
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com