Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 79 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 79 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 75Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 76Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 77Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 78Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 79Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 80Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 81Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 82Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 83Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 234 page
background image
Automotive MOSFETs
Package name
Type number
V
DS
[max] (V)
R
DS(on)
[max]
@ 10 V
(mΩ)
R
DS(on)
[max]
@ 5 V
(mΩ)
I
D
[max]
@ 25 °C
(A)
R
th(j-mb)
[max]
(K/W)
TO-220AB
(SOT78)
BUK753R1-40E
40
3.1
100
0.64
BUK758R3-40E
40
7.4
75
1.56
LFPAK88
(SOT1235)
BUK7S0R5-40H
40
0.55
BUK7S0R7-40H
40
0.7
425
0.4
BUK7S0R9-40H
40
0.9
375
0.4
BUK7S1R0-40H
40
1
325
0.4
BUK7S1R2-40H
40
1.2
BUK7S1R5-40H
40
1.5
BUK7S2R0-40H
40
2.0
BUK7S2R5-40H
40
2.5
D2PAK
(SOT404)
BUK961R6-40E
40
1.4
1.6
120
0.43
BUK761R6-40E
40
1.6
120
0.43
BUK761R7-40E
40
1.6
120
0.46
BUK762R0-40E
40
2
120
0.51
BUK962R6-40E
40
2.4
2.8
100
0.57
BUK762R6-40E
40
2.6
100
0.57
BUK963R1-40E
40
2.7
3.1
100
0.64
BUK964R1-40E
40
3.5
4.1
75
0.82
BUK764R0-40E
40
4
75
0.82
BUK965R4-40E
40
4.4
5.4
75
1.09
BUK765R3-40E
40
4.9
75
1.09
BUK768R1-40E
40
7.2
75
1.56
I2PAK
(SOT226)
BUK7E1R8-40E
40
1.8
120
0.43
BUK7E1R9-40E
40
1.9
120
0.46
BUK7E8R3-40E
40
7.4
75
1.56
LFPAK56E
(SOT1023)
BUK9J0R9-40H
40
0.94
1.2
220
0.3
BUK7J1R0-40H
40
1
220
0.3
BUK7J1R4-40H
40
1.4
120
0.38
LFPAK56;
Power-SO8
(SOT669)
BUK9Y1R3-40H
40
1.3
1.8
190
0.38
BUK7Y1R4-40H
40
1.4
190
0.38
BUK9Y1R6-40H
40
1.6
2.2
120
0.51
BUK7Y1R7-40H
40
1.7
120
0.51
BUK9Y1R9-40H
40
1.9
2.6
120
0.69
BUK7Y2R0-40H
40
2
120
0.69
BUK9Y2R4-40H
40
2.4
3.2
120
0.79
BUK9Y3R0-40E
40
2.5
3
100
0.77
BUK7Y2R5-40H
40
2.5
120
0.79
BUK9Y2R8-40H
40
2.8
3.9
120
0.87
BUK7Y3R0-40H
40
3
120
0.87
BUK7Y3R5-40H
40
3.5
120
1.3
BUK7Y3R5-40E
40
3.5
100
0.9
BUK9Y3R5-40E
40
3.6
3.8
100
0.9
BUK9Y4R4-40E
40
3.7
4.4
100
1.02
BUK7Y4R4-40E
40
4.4
100
1.02
BUK9Y7R6-40E
40
6
7.6
79
1.58
BUK9Y6R5-40H
40
6.5
7.9
BUK9Y7R0-40H
40
7
BUK7Y7R2-40H
40
7.2
BUK7Y7R6-40H
40
7.6
BUK7Y7R6-40E
40
7.6
79
1.58
BUK9Y12-40E
40
10
12
52
2.31
BUK7Y12-40E
40
12
52
2.31
BUK9Y21-40E
40
17
21
33
3.33
BUK7Y21-40E
40
21
33
3.33
BUK9Y29-40E
40
25
29
25
4.03
BUK7Y29-40E
40
29
26
4.03
N-channel 40V automotive power MOSFETs
Types in
bold red are in development, types in bold represent new products
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com