Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 165 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 165 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 161Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 162Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 163Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 164Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 165Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 166Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 167Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 168Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 169Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 234 page
background image
Control analog & logic ICs
OR Gates
Type number
Description
V
CC (V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output Load
C
L (typ) (pF)
f
max (MHz)
Number
of bits
T
amb (°C)
74ABT32
Quad 2-input OR gate
4.5 - 5.5
TTL
-15 / 20
2.3
50
100
4
-40 to 85
74AHC1G32
Single 2-input OR gate
2.0 - 5.5
CMOS
±8
3.2
50
60
1
-40 to 125
74AHCT1G32
Single 2-input OR gate
4.5 - 5.5
TTL
±8
3.3
50
60
1
-40 to 125
74AHC2G32
Dual 2-input OR gate
2.0 - 5.5
CMOS
±8
3.2
50
60
2
-40 to 125
74AHCT2G32
Dual 2-input OR gate
4.5 - 5.5
TTL
±8
3.3
50
60
2
-40 to 125
74AHC32
Quad 2-input OR gate
2.0 - 5.5
CMOS
±8
3.5
50
60
4
-40 to 125
74AHCT32
Quad 2-input OR gate; TTL-enabled
4.5 - 5.5
TTL
±8
5.0
50
60
4
-40 to 125
74ALVC32
Quad 2-input OR gate
1.65 - 3.6
CMOS/LVTTL
±24
2.0
50
150
4
-40 to 125
74AUP1G32
Single 2-input OR gate
1.1 - 3.6
CMOS
±1.9
7.9
30
70
1
-40 to 125
74AUP1G332
Single 3-input OR gate
1.1 - 3.6
CMOS
±1.9
6.8
30
70
1
-40 to 125
74AUP1T32
Single supply 2-input voltage-translat-
ing OR gate
2.3 - 3. 6
CMOS
±1.9
3.6
15
70
1
-40 to 125
74AUP2G32
Dual 2-input OR gate
1.1 - 3.6
CMOS
±1.9
7.9
30
70
2
-40 to 125
74AXP1G32
Single 2-input OR gate
0.7 - 2.75
CMOS
±4.5
2.5
5
70
1
-40 to 85
74HC1G32
Single 2-input OR gate
2.0 - 6.0
CMOS
±2.6
8.0
50
36
1
-40 to 125
74HCT1G32
Single 2-input OR gate; TTL-enabled
4.5 - 5.5
TTL
±2.0
10
50
36
1
-40 to 125
74HC2G32
Dual 2-input OR gate
2.0 - 6.0
CMOS
±5.2
9.0
50
36
2
-40 to 125
74HCT2G32
Dual 2-input OR gate; TTL-enabled
4.5 - 5.5
TTL
±4.0
13
50
36
2
-40 to 125
74HC32
Quad 2-input OR gate
2.0 - 6.0
CMOS
±5.2
6.0
50
36
4
-40 to 125
74HCT32
Quad 2-input OR gate
4.5 - 5.5
TTL
±4.0
9.0
50
36
4
-40 to 125
74HC4075
Triple 3-input OR gate
2.0 - 6.0
CMOS
±5.2
8.0
50
36
3
-40 to 125
74HCT4075
Triple 3-input OR gate; TTL-enabled
4.5 - 5.5
TTL
±4
10
50
36
3
-40 to 125
74LV1T32
Single supply 2-input translating
OR gate
1.6 - 5.5
CMOS
±8
4.4
15
60
1
-40 to 125
74LV32A
Quad 2-input OR gate
2.0 - 5.5
CMOS
±12
4.2
15
45
4
-40 to 125
74LV7032A
Quad 2-input OR gate; Schmitt trigger
2.0 - 5.5
CMOS
±12
4.3
15
45
4
-40 to 125
74LVC1G32
Single 2-input OR gate
1.65 - 5.5
CMOS/LVTTL
±32
2.1
50
150
1
-40 to 125
74LVC1G332
Single 3-input OR gate
1.65 - 5.5
CMOS/LVTTL
±32
2.6
50
150
1
-40 to 125
74LVC2G32
Dual 2-input OR gate
1.65 - 5.5
CMOS/LVTTL
±32
2.2
50
150
2
-40 to 125
74LVC32A
Quad 2-input OR gate
1.2 - 3.6
CMOS/LVTTL
±24
2.1
50
150
4
-40 to 125
74VHC32
Quad 2-input OR gate
2.0 - 5.5
CMOS
±8
3.5
50
60
4
-40 to 125
74VHCT32
Quad 2-input OR gate; TTL-enabled
4.5 - 5.5
TTL
±8
5.0
50
60
4
-40 to 125
HEF4071B
Quad 2-input OR gate
3.0 - 15
CMOS
±2.4
20
50
10
4
-40 to 125
XC7SET32
Single 2-input OR gate; TTL-enabled
4.5 - 5.5
TTL
±8
3.3
50
60
1
-40 to 125
XC7SH32
Single 2-input OR gate
2.0 - 5.5
CMOS
±8
3.2
50
60
1
-40 to 125
Types in
bold represent new products
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com