Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 175 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 175 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 171Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 172Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 173Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 174Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 175Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 176Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 177Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 178Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 179Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 234 page
background image
175
Package name
# of balls
Package size (l x w x h)
(mm)
Pitch (mm)
Image
Basic type
WLCSP15
15
2.37 x 1.17 x 0.57
0.4
PCMF3USB3B
PCMF3USB3S
PESD3USB30
PESD3USB3B
PESD3USB3S
WLCSP25
25
2 x 2 x 0.5
0.4
IP4856CX25
Package details and packing methods WLCSP
Pins/
leads
Package
Packing method and tape/reel/tube dimensions
Package
Ordering code (12
NC ending)
Packing quantity
2
SOD27
26 mm tape ammo pack, axial
-143
5000 pcs
52 mm tape ammo pack, axial
-133
10000 pcs
52 mm reel pack, axial
-113
10000 pcs
SOD66
52 mm tape ammo pack, axial
-133
10000 pcs
52 mm reel pack, axial
-113
10000 pcs
SOD68
26 mm tape ammo pack, axial
-143
5000 pcs
52 mm reel pack, axial
-113
10000 pcs
52 mm tape ammo pack, axial
-133
10000 pcs
3
SOT78 (TO-220)
Rail packing, 50 pcs/tube, tube length = 520 mm
-127
1000 pcs
I2PAK (SOT226)
Rail packing, 50 pcs/tube, tube length = 520 mm
-127
1000 pcs
Packing details glass diodes, single ended and through hole packages
Package details and packing methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com