Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 205 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 205 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 201Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 202Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 203Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 204Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 205Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 206Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 207Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 208Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 209Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 234 page
background image
205
DFN1308-6 (SOT8006)
Nexperia
SOT8006
DFN1308-6, plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT8006
- - -
sot8006_po
19-05-06
Unit
mm
max
nom
min
0.23
0.18
0.13
0.18
0.13
0.08
1.40
1.30
1.20
0.90
0.80
0.70
0.45
0.30
0.25
0.20
0.1
0.1 0.05
0.05
0.02
0.00
0.43
0.38
0.33
A
Dimensions (mm are the original dimensions)
DFN1308-6, plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
SOT8006
A1
A2
E
D
b
e
0
0.5
scale
1 mm
L
0.11
0.08
0.05
G
u
v
y
0.05
y1
L (6x)
G x 45°
D
E
A
B
A
C
C
1
e
2
3
6
5
4
e
A1
seating plane
A2
X
detail X
(optional side view)
(6x)
pin 1
index area
b
(6x)
A
C
B
v
C
y1
y
Fig. 1. Package outline DFN1308-6 (SOT8006)
SOT8006
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
21 May 2019
2 / 5
DFN1308-6 (SOT8006)
Nexperia
SOT8006
DFN1308-6, plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
3. Soldering
SOT8006
Footprint information for reflow soldering of DFN1308-6 package
sot8006_fr
Issue date 19-05-06
occupied area
0.4
0.25
0.5
0.15
1.35
0.45
0.45
0.18
0.27
0.28
0.17
1.6
1.05
1.08
solder lands
solder resist
solder paste
Dimensions in mm
recommend stencil thickness: 0.1 mm
Fig. 2. Reflow soldering footprint for DFN1308-6 (SOT8006)
SOT8006
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
21 May 2019
3 / 5
Nexperia
SOT8006
DFN1308-6, plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
3. Soldering
SOT8006
Footprint information for reflow soldering of DFN1308-6 package
sot8006_fr
Issue date 19-05-06
occupied area
0.4
0.25
0.5
0.15
1.35
0.45
0.45
0.18
0.27
0.28
0.17
1.6
1.05
1.08
solder lands
solder resist
solder paste
Dimensions in mm
recommend stencil thickness: 0.1 mm
Fig. 2. Reflow soldering footprint for DFN1308-6 (SOT8006)
SOT8006
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
21 May 2019
3 / 5
Nexperia
SOT8006
DFN1308-6, plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT8006
- - -
sot8006_po
19-05-06
Unit
mm
max
nom
min
0.23
0.18
0.13
0.18
0.13
0.08
1.40
1.30
1.20
0.90
0.80
0.70
0.45
0.30
0.25
0.20
0.1
0.1 0.05
0.05
0.02
0.00
0.43
0.38
0.33
A
Dimensions (mm are the original dimensions)
DFN1308-6, plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
SOT8006
A1
A2
E
D
b
e
0
0.5
scale
1 mm
L
0.11
0.08
0.05
G
u
v
y
0.05
y1
L (6x)
G x 45°
D
E
A
B
A
C
C
1
e
2
3
6
5
4
e
A1
seating plane
A2
X
detail X
(optional side view)
(6x)
pin 1
index area
b
(6x)
A
C
B
v
C
y1
y
Fig. 1. Package outline DFN1308-6 (SOT8006)
SOT8006
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
21 May 2019
2 / 5
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
6-pin SMD packages
XSON6 (SOT886)
XSON6 (SOT886)
sot886_fr
solder resist
occupied area
solder paste = solderland
Dimensions in mm
0.425
(6´)
1.250
0.675
1.700
0.325
(6´)
0.270
(6´)
0.370
(6´)
0.500
0.500
sot886_fr
solder resist
occupied area
solder paste = solderland
Dimensions in mm
0.425
(6´)
1.250
0.675
1.700
0.325
(6´)
0.270
(6´)
0.370
(6´)
0.500
0.500
DFN1412-6 (SOT1268-1)
NXP Semiconductors
SOT1268
plastic thermal enhanced ultra thin small outline package; no leads; 6 terminals; body: 1.4 mm x 1.2 mm
x 0.47 mm
SOT1268
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved
Package information
18 October 2016
2 / 5
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1268
- - -
sot1268_po
16-02-25
16-09-02
Note
1. Dimension A is including plating thickness.
0
1 mm
scale
detail X
pin 1
index area
pin 1
index area
(2×)
B
D
A
A1
E
A
e1
e
e1
e
X
A B
v
DFN1412-6: plastic thermal enhanced ultra thin small outline package; no leads;
6 terminals; body: 1.4 x 1.2 x 0.47 mm
SOT1268
Unit(1)
mm
min
nom
max
1.35 0.43
0.195
0.145
0.245
A
Dimensions (mm are the original dimensions)
A1
b
0.15
D
D1
e
e1
L
0.50
0.47
0.44
0.04
0.00
1.45
1.40
0.53
0.25
0.20
1.15
1.25
E
E1
0.32
0.42
0.35
0.5
0.48 1.20 0.37
V
Y
Y1
0.1
1
3
6
b
(6×)
4
E1
(2×)
D1
(2×)
L
(6×)
5
2
0.05 0.05
y
C
y1
C
Fig. 1. Package outline DFN1412-6 (SOT1268)
DFN1412-6 (SOT1268-1)
NXP Semiconductors
SOT1268
plastic thermal enhanced ultra thin small outline package; no leads; 6 terminals; body: 1.4 mm x 1.2 mm
x 0.47 mm
SOT1268
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved
Package information
18 October 2016
3 / 5
3. Soldering
SOT1268
Footprint information for reflow soldering of DFN1412-6 package
sot1268_fr
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
16-04-18
16-09-02
0.2
0.3
0.5
1.3
1.4
1.6
0.25
0.17
1.23
0.43
0.71
1.41
1.51
1.71
0.3 0.35
0.27
0.17
0.37
Fig. 2. Reflow soldering footprint for DFN1412-6 (SOT1268)
NXP Semiconductors
SOT1268
plastic thermal enhanced ultra thin small outline package; no leads; 6 terminals; body: 1.4 mm x 1.2 mm
x 0.47 mm
SOT1268
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved
Package information
18 October 2016
3 / 5
3. Soldering
SOT1268
Footprint information for reflow soldering of DFN1412-6 package
sot1268_fr
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
16-04-18
16-09-02
0.2
0.3
0.5
1.3
1.4
1.6
0.25
0.17
1.23
0.43
0.71
1.41
1.51
1.71
0.3 0.35
0.27
0.17
0.37
Fig. 2. Reflow soldering footprint for DFN1412-6 (SOT1268)
Images are for reference only, for detailed drawings please visit nexperia.com/packages
DFN1308-6 (SOT8006B)
Nexperia
SOT8006B
plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT8006B
- - -
sot8006b_po
18-12-14
Unit
mm
max
nom
min
0.23
0.18
0.13
0.18
0.13
0.08
1.40
1.30
1.20
0.90
0.80
0.70
0.45
0.30
0.25
0.20
0.1
0.1 0.05
0.05
0.02
0.00
0.43
0.38
0.33
A
Dimensions (mm are the original dimensions)
DFN1308-6, plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
SOT8006B
A1
A2
E
D
b
e
0
0.5
scale
1 mm
L
u
v
y
0.05
y1
L (6x)
D
E
A
B
A
C
C
1
e
2
3
6
5
4
e
A1
seating plane
A2
X
detail X
(optional side view)
(6x)
pin 1
index area
b
(6x)
A
C
B
v
C
y1
y
Fig. 1. Package outline DFN1308-6 (SOT8006B)
SOT8006B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
19 December 2018
2 / 5
DFN1308-6 (SOT8006B)
Nexperia
SOT8006B
plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
3. Soldering
SOT8006B
Footprint information for reflow soldering of DFN1308-6 package
sot8006b_fr
Issue date 18-12-14
occupied area
0.4
0.25
0.5
0.15
1.35
0.45
0.45
0.18
0.27
0.28
0.17
1.6
1.05
1.08
solder lands
solder resist
solder paste
Dimensions in mm
recommend stencil thickness: 0.1 mm
Fig. 2. Reflow soldering footprint for DFN1308-6 (SOT8006B)
SOT8006B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
19 December 2018
3 / 5
Nexperia
SOT8006B
plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
3. Soldering
SOT8006B
Footprint information for reflow soldering of DFN1308-6 package
sot8006b_fr
Issue date 18-12-14
occupied area
0.4
0.25
0.5
0.15
1.35
0.45
0.45
0.18
0.27
0.28
0.17
1.6
1.05
1.08
solder lands
solder resist
solder paste
Dimensions in mm
recommend stencil thickness: 0.1 mm
Fig. 2. Reflow soldering footprint for DFN1308-6 (SOT8006B)
SOT8006B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
19 December 2018
3 / 5
Nexperia
SOT8006B
plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT8006B
- - -
sot8006b_po
18-12-14
Unit
mm
max
nom
min
0.23
0.18
0.13
0.18
0.13
0.08
1.40
1.30
1.20
0.90
0.80
0.70
0.45
0.30
0.25
0.20
0.1
0.1 0.05
0.05
0.02
0.00
0.43
0.38
0.33
A
Dimensions (mm are the original dimensions)
DFN1308-6, plastic, leadless extremely thin small package; 6 terminals; body 1.3 x 0.8 x 0.38 mm
SOT8006B
A1
A2
E
D
b
e
0
0.5
scale
1 mm
L
u
v
y
0.05
y1
L (6x)
D
E
A
B
A
C
C
1
e
2
3
6
5
4
e
A1
seating plane
A2
X
detail X
(optional side view)
(6x)
pin 1
index area
b
(6x)
A
C
B
v
C
y1
y
Fig. 1. Package outline DFN1308-6 (SOT8006B)
SOT8006B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
19 December 2018
2 / 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com