Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4906MMBD Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4906MMBD
Description  LM4906 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4906MMBD Datasheet(HTML) 3 Page - Texas Instruments

  LM4906MMBD Datasheet HTML 1Page - Texas Instruments LM4906MMBD Datasheet HTML 2Page - Texas Instruments LM4906MMBD Datasheet HTML 3Page - Texas Instruments LM4906MMBD Datasheet HTML 4Page - Texas Instruments LM4906MMBD Datasheet HTML 5Page - Texas Instruments LM4906MMBD Datasheet HTML 6Page - Texas Instruments LM4906MMBD Datasheet HTML 7Page - Texas Instruments LM4906MMBD Datasheet HTML 8Page - Texas Instruments LM4906MMBD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM4906, LM4906LDBD, LM4906MMBD
www.ti.com
SNAS191E – APRIL 2003 – REVISED MAY 2013
LM4906GR Pin Designation (continued)
C4
VDD
D1
No Connect
D2
No Connect
D3
VO1
D4
VDD
Absolute Maximum Ratings
(1) (2)
Supply Voltage(3)
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(4)(5)
Internally Limited
ESD Susceptibility(6)
2000V
ESD Susceptibility(7)
200V
Junction Temperature
150°C
θJC (VSSOP)
56°C/W
θJA (VSSOP)
190°C/W
Thermal Resistance
θJC (WSON)
12°C/W
θJA (WSON)
63°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
If the product is in Shutdown mode and VDD exceeds 6V (to a max of 8V VDD), then most of the excess current will flow through the
ESD protection circuits. If the source impedance limits the current to a max of 10mA, then the device will be protected. If the device is
enabled when VDD is greater than 5.5V and less than 6.5V, no damage will occur, although operation life will be reduced. Operation
above 6.5V with no current limit will result in permanent damage.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4906, see Figure 10 for additional information.
(5)
Maximum power dissipation in the device (PDMAX) occurs at an output power level significantly below full output power. PDMAX can be
calculated using Equation 1 shown in the Application Information section. It may also be obtained from the power dissipation graphs.
(6)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(7)
Machine Model, 220pF–240pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.6V
≤ VDD ≤ 5.5V
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4906 LM4906LDBD LM4906MMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com