Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4906MMBD Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4906MMBD
Description  LM4906 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4906MMBD Datasheet(HTML) 4 Page - Texas Instruments

  LM4906MMBD Datasheet HTML 1Page - Texas Instruments LM4906MMBD Datasheet HTML 2Page - Texas Instruments LM4906MMBD Datasheet HTML 3Page - Texas Instruments LM4906MMBD Datasheet HTML 4Page - Texas Instruments LM4906MMBD Datasheet HTML 5Page - Texas Instruments LM4906MMBD Datasheet HTML 6Page - Texas Instruments LM4906MMBD Datasheet HTML 7Page - Texas Instruments LM4906MMBD Datasheet HTML 8Page - Texas Instruments LM4906MMBD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4906, LM4906LDBD, LM4906MMBD
SNAS191E – APRIL 2003 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 5V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4906
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, Io = 0A, No Load
3.5
7
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
4
8
mA (max)
ISD
Shutdown Current
VSD = GND
0.1
2
µA (max)
VOS
Output Offset Voltage
7
35
mV (max)
THD+N = 1% (max); f = 1 kHz
Po
Output Power
1.0
0.9
W (min)
RL = 8Ω
TWU
Wake-up time
5
ms
THD+N
Total Harmonic Distortion+Noise
Po = 0.4 Wrms; f = 1kHz
0.2
%
Vripple = 200mV sine p-p
67 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
Input terminated with 10
Ω
70 (f = 1kHz)
dB
Gain at 6dB
VSDIH
Shutdown Voltage Input High
SD Pin High = Part On
1.5
V (min)
VSDIL
Shutdown Voltage Input Low
SD Pin Low = Part Off
1.3
V (max)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(5)
Limits are specified to AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4906 LM4906LDBD LM4906MMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com