Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5000 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5000
Description  LM5000 High Voltage Switch Mode Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5000 Datasheet HTML 9Page - Texas Instruments LM5000 Datasheet HTML 10Page - Texas Instruments LM5000 Datasheet HTML 11Page - Texas Instruments LM5000 Datasheet HTML 12Page - Texas Instruments LM5000 Datasheet HTML 13Page - Texas Instruments LM5000 Datasheet HTML 14Page - Texas Instruments LM5000 Datasheet HTML 15Page - Texas Instruments LM5000 Datasheet HTML 16Page - Texas Instruments LM5000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
fZC =
1
2SCCRC
(in Hz)
fPC =
1
2S(RC + RO)CC
(in Hz)
(in Hz)
RHPzero =
VOUT(D')
2
2S,LOADL
fZ1 =
1
2SRESRCOUT
(in Hz)
fP1 =
1
2S(RESR + RL)COUT
(in Hz)
LM5000
www.ti.com
SNVS176D – MAY 2004 – REVISED MARCH 2007
OUTPUT CAPACITOR SELECTION
The choice of output capacitors is somewhat more arbitrary. It is recommended that low ESR (Equivalent Series
Resistance, denoted RESR) capacitors be used such as ceramic, polymer electrolytic, or low ESR tantalum.
Higher ESR capacitors may be used but will require more compensation which will be explained later on in the
section. The ESR is also important because it determines the output voltage ripple according to the approximate
equation:
ΔVOUT ≊ 2ΔiLRESR (in Volts)
(7)
After choosing the output capacitor you can determine a pole-zero pair introduced into the control loop by the
following equations:
(8)
where
•
RL is the minimum load resistance corresponding to the maximum load current
(9)
The zero created by the ESR of the output capacitor is generally very high frequency if the ESR is small. If low
ESR capacitors are used it can be neglected. If higher ESR capacitors are used see the HIGH OUTPUT
CAPACITOR ESR COMPENSATION section.
RIGHT HALF PLANE ZERO
A current mode control boost regulator has an inherent right half plane zero (RHP zero). This zero has the effect
of a zero in the gain plot, causing an imposed +20dB/decade on the rolloff, but has the effect of a pole in the
phase, subtracting another 90° in the phase plot. This can cause undesirable effects if the control loop is
influenced by this zero. To ensure the RHP zero does not cause instability issues, the control loop should be
designed to have a bandwidth of ½ the frequency of the RHP zero or less. This zero occurs at a frequency of:
where
•
ILOAD is the maximum load current
(10)
SELECTING THE COMPENSATION COMPONENTS
The first step in selecting the compensation components RC and CC is to set a dominant low frequency pole in
the control loop. Simply choose values for RC and CC within the ranges given in the INTRODUCTION TO
COMPENSATION section to set this pole in the area of 10Hz to 100Hz. The frequency of the pole created is
determined by the equation:
where
•
RO is the output impedance of the error amplifier, 850kΩ
(11)
Since RC is generally much less than RO, it does not have much effect on the above equation and can be
neglected until a value is chosen to set the zero fZC. fZC is created to cancel out the pole created by the output
capacitor, fP1. The output capacitor pole will shift with different load currents as shown by the equation, so setting
the zero is not exact. Determine the range of fP1 over the expected loads and then set the zero fZC to a point
approximately in the middle. The frequency of this zero is determined by:
(12)
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com