Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109AMA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5109AMA/NOPB
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109AMA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5109AMA/NOPB Datasheet HTML 10Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 11Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 12Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 13Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 14Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 15Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 16Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 17Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
LM5109A
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
•
PLM5109B = The total power dissipation of the driver
•
TJ = Junction temperature
•
TA = Ambient temperature
•
RθJA = Junction-to-ambient thermal resistance
(16)
The thermal metrics for the driver package is summarized in the Thermal Information table of the data sheet. For
detailed information regarding the thermal information table, please refer to the Semiconductor and IC Package
Thermal Metrics (SPRA953).
8.2.3 Application Curves
Figure 15 and Figure 16 shows the rising and falling time as well as turnon and turnoff propagation delay testing
waveform in room temperature, and waveform measurement data (see the bottom part of the waveform). Each
channel (HI, LI, HO, and LO) is labeled and displayed on the left hand of the waveforms.
The testing condition: load capacitance is 1 nF, VDD = 12 V, fSW = 500 kHz.
HI and LI share one same input from function generator, therefore, besides the propagation delay and rising and
falling time, the difference of the propagation delay between HO and LO gives the propagation delay matching
data.
CL = 1 nF
VDD = 12 V
fSW = 500 kHz
Figure 15. Rising Time and Turnon Propagation Delay
CL = 1 nF
VDD = 12 V
fSW = 500 kHz
Figure 16. Falling Time and Turnoff Propagation Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com