Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109AMA/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM5109AMA/NOPB
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109AMA/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5109AMA/NOPB Datasheet HTML 11Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 12Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 13Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 14Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 15Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 16Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 17Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 18Page - Texas Instruments LM5109AMA/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
LM5109A
www.ti.com
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The recommended bias supply voltage range for LM5109A is from 8 V to 14 V. The lower end of this range is
governed by the internal undervoltage lockout (UVLO) protection feature of the VDD supply circuit blocks. The
upper end of this range is driven by the 18-V absolute maximum voltage rating of the VDD. TI recommends
keeping a 4-V margin to allow for transient voltage spikes.
The UVLO protection feature also involves a hysteresis function. This means that once the device is operating in
normal mode, if the VDD voltage drops, the device continues to operate in normal mode as long as the voltage
drop does not exceed the hysteresis specification, VDDH. If the voltage drop is more than hysteresis specification,
the device shuts down. Therefore, while operating at or near the 8-V range, the voltage ripple on the auxiliary
power supply output must be smaller than the hysteresis specification of LM5109A to avoid triggering device-
shutdown.
A local bypass capacitor must be placed between the VDD and GND pins. And this capacitor must be located as
close to the device as possible. A low-ESR, ceramic surface mount capacitor is recommended. TI recommends
using 2 capacitors across VDD and GND: a 100-nF, ceramic surface-mount capacitor for high-frequency filtering
placed very close to VDD and GND pin, and another surface-mount capacitor, 220-nF to 10-µF, for IC bias
requirements. In a similar manner, the current pulses delivered by the HO pin are sourced from the HB pin.
Therefore a 22-nF to 220-nF local decoupling capacitor is recommended between the HB and HS pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com