Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-LR024C Datasheet(PDF) 2 Page - Multicomp Pro

Part # MP-LR024C
Description  Pro LED Panel Indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP-LR024C Datasheet(HTML) 2 Page - Multicomp Pro

  MP-LR024C Datasheet HTML 1Page - Multicomp Pro MP-LR024C Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
12/12/24
Pro LED Panel Indicator
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Pro LED Panel Indicator, Red, 24V AC/DC, 22.5mm
MP-LR024C
Pro LED Panel Indicator, Green, 24V AC/DC, 22.5mm MP-LG024C
Pro LED Panel Indicator, Yellow, 24V AC/DC, 22.5mm MP-LY024C
Pro LED Panel Indicator, Blue, 24V AC/DC, 22.5mm
MP-LB024C
Pro LED Panel Indicator, Amber, 24V AC/DC, 22.5mm MP-LA024C
Pro LED Panel Indicator, White, 24V AC/DC, 22.5mm
MP-W024C
Pro LED Panel Indicator, Red, 110 V AC, 22.5mm
MP-R110A
Pro LED Panel Indicator, Green, 110V AC, 22.5mm
MP-G110A
Pro LED Panel Indicator, Yellow, 110V AC, 22.5mm
MP-Y110A
Pro LED Panel Indicator, Blue, 110V AC, 22.5mm
MP-B110A
Pro LED Panel Indicator, Amber, 110V AC, 22.5mm
MP-A110A
Pro LED Panel Indicator, White, 110V AC, 22.5mm
MP-W110A
Pro LED Panel Indicator, RED, 24V AC/DC, 22.5mm
MP-R240A
Pro LED Panel Indicator, Green, 240V AC, 22.5mm
MP-G240A
Pro LED Panel Indicator, Yellow, 240V AC, 22.5mm
MP-Y240A
Pro LED Panel Indicator, Blue, 240V AC, 22.5mm
MP-B240A
Pro LED Panel Indicator, Amber, 240V AC, 22.5mm
MP-A240A
Pro LED Panel Indicator, White, 240V AC, 22.5mm
MP-W240A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com