Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-LR024C Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP-LR024C
Description  Pro LED Panel Indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP-LR024C Datasheet(HTML) 1 Page - Multicomp Pro

  MP-LR024C Datasheet HTML 1Page - Multicomp Pro MP-LR024C Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
12/12/24
Pro LED Panel Indicator
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
• Best in class Ilumination
• SMD LED cluster technology
• Inbuilt low voltage glow protection
• Power consumption less than 1W
• IP65, IP20
• Witstand 2KV surge & passes 2.5KV HV test for 60 seconds
Specification
Product
: Pro LED Indicator
Rated Voltage
: 12V AC/DC, 24V AC/DC, 30V AC/DC, 48V AC/VDC, 64 V AC/DC,
110V AC,110V DC, 240 V AC, 220V DC, 415V AC
Operating Voltage
: -20% to +10% of rated voltage
Type of LED
: SMD LED’s
Available Colours
: Red / Green / Blue / Yellow / Amber / White
Life / Warranty
: 0.5 Million burning hours/36 Months(At standard operating conditions)
Operating Frequency
: 50/60 Hz
Operating Temperature
: -25°C to 65°C
Storage Temperature
: -30°C to 70°C
Wire Termination Capacity
: 0.5 mm2, 1.5 mm2 - 2.5 mm2
LED Arrangement
: Cluster Type
Terminal Torque
: 1 Nm
Low Voltage Glow Protection
: Available
Surge Test
: 2KV
Hv Test for 60 sec.
: 2.5KV
Degree of Protection
: Above Panel: IP65/ For Terminals: IP20
International Approvals
: CE


Similar Part No. - MP-LR024C

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MP-L CREE-MP-L Datasheet
868Kb / 14P
Cree® XLamp® MP-L EasyWhite™ LEDs
Rev 3
logo
List of Unclassifed Man...
MP-LS05-13B03R3 ETC-MP-LS05-13B03R3 Datasheet
1Mb / 7P
5W DIY AC to DC Converter - PCB Mount
12/11/20
MP-LS05-13B05R3 ETC-MP-LS05-13B05R3 Datasheet
1Mb / 7P
5W DIY AC to DC Converter - PCB Mount
12/11/20
MP-LS05-13B09R3 ETC-MP-LS05-13B09R3 Datasheet
1Mb / 7P
5W DIY AC to DC Converter - PCB Mount
12/11/20
MP-LS05-13B12R3 ETC-MP-LS05-13B12R3 Datasheet
1Mb / 7P
5W DIY AC to DC Converter - PCB Mount
12/11/20
More results

Similar Description - MP-LR024C

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
PANEL INDICATOR LED
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
PANEL INDICATOR LED
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com