Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT70 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUT70
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUT70 Datasheet(HTML) 1 Page - STMicroelectronics

  BUT70 Datasheet HTML 1Page - STMicroelectronics BUT70 Datasheet HTML 2Page - STMicroelectronics BUT70 Datasheet HTML 3Page - STMicroelectronics BUT70 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUT70
HIGH POWER NPN SILICON TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN TRANSISTOR
s
HIGH CURRENT CAPABILITY
s
FAST SWITCHING SPEED
s
VERY LOW SATURATION VOLTAGE AND
HIGH GAIN
APPLICATION
s
SWITCHING REGULATORS
s
MOTOR CONTROL
s
HIGH FREQUENCY AND EFFICENCY
CONVERTERS
DESCRIPTION
The BUT70 is a Multiepitaxial planar NPN
transistor in TO-218 plastic package.
It’s intented for use in high frequency
and
efficiency converters such us motor controllers
and industrial equipment.
INTERNAL SCHEMATIC DIAGRAM
July 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCEV
Collector-emitter Voltage (VBE = -1.5V)
200
V
VCEO
Collector-emitter Voltage (IB = 0)
125
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IE(RMS)
Emitter Current
40
A
IEM
Emitter Peak Current
120
A
IB
Base Current
8
A
IBM
Base Peak Current
24
A
Ptot
Total Power Dissipation at Tcase
< 25 oC
200
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max Operating Junction Temperature
150
oC
1
2
3
TO-218
1/4


Similar Part No. - BUT70

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUT70MC SEME-LAB-BUT70MC Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
STMicroelectronics
BUT70W STMICROELECTRONICS-BUT70W Datasheet
48Kb / 4P
HIGH POWER NPN TRANSISTOR
Feb-2002
logo
Inchange Semiconductor ...
BUT70W ISC-BUT70W Datasheet
351Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUT70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Sep-2003
2N6547 STMICROELECTRONICS-2N6547 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Oct-2001
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Feb-2003
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Dec-2000
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
NPN High Power Silicon Transistor
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com