Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT70 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUT70
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUT70 Datasheet(HTML) 2 Page - STMicroelectronics

  BUT70 Datasheet HTML 1Page - STMicroelectronics BUT70 Datasheet HTML 2Page - STMicroelectronics BUT70 Datasheet HTML 3Page - STMicroelectronics BUT70 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
0.63
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current (RBE = 5
Ω)
VCE = VCEV
VCE = VCEV
Tc = 100
oC
1
5
mA
mA
ICEV
Collector Cut-off
Current
VCE = VCEV
VBE = -1.5V
VCE = VCEV
VBE = - 1.5V TC =100
oC
1
4
mA
mA
IEBO
Emitter Cut-off
Current (IC = 0)
VEB = - 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 0.2A
L = 25 mH
125
V
VEBO
Emitter-base
Voltage (IC = 0)
IE = 50 mA
7
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 70 A
IB = 7 A
IC = 70 A
IB = 7 A
Tj = 100
oC
IC = 35 A
IB = 1.75 A
IC = 35 A
IB = 1.75 A
Tj = 100
oC
0.9
1.5
0.9
1.2
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 70 A
IB = 7 A
IC = 70 A
IB = 7 A
Tj = 100
oC
IC = 35 A
IB = 1.75 A
IC = 35 A
IB = 1.75 A
Tj = 100
oC
1.8
1.9
1.4
1.4
V
V
V
V
dic/dt
∗
Rated of Rise of
on-state Collector
Current
VCC = 100 V
RC = 0
IB1 = 3.5 A
tp =3
µS
Tj = 100
oC
140
A/
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle < 2 %
INDUCTIVE LOAD
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr
ts
tf
Rise Time
Storage Time
Fall Time
VCC = 90 V
IC = 35 A
VBB = -5 V
IB1 = 1.75 A
RB2 = 1.4
Ω
LC =0.13 mH
TJ =100
o C
VCLAMP =125V
1.8
0.2
0.35
µs
µs
µs
BUT70
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com