Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT87LP Datasheet(PDF) 3 Page - Texas Instruments

Part # LMT87LP
Description  LMT87 2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT87LP Datasheet(HTML) 3 Page - Texas Instruments

  LMT87LP Datasheet HTML 1Page - Texas Instruments LMT87LP Datasheet HTML 2Page - Texas Instruments LMT87LP Datasheet HTML 3Page - Texas Instruments LMT87LP Datasheet HTML 4Page - Texas Instruments LMT87LP Datasheet HTML 5Page - Texas Instruments LMT87LP Datasheet HTML 6Page - Texas Instruments LMT87LP Datasheet HTML 7Page - Texas Instruments LMT87LP Datasheet HTML 8Page - Texas Instruments LMT87LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
LMT87
www.ti.com
SNIS170E – JANUARY 2014 – REVISED OCTOBER 2017
Product Folder Links: LMT87
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
•
Changed from 450°C/W to 275 °C/W. New specification is derived using TI ' s latest methodology. .................................. 5
•
Deleted Note: The input current is leakage only and is highest at high temperature. It is typically only 0.001 μA. The
1 μA limit is solely based on a testing limitation and does not reflect the actual performance of the part............................. 6
(1)
For all available packages and complete order numbers, see the Package Option addendum at the end of the data sheet.
(2)
AKA = Also Known As
5 Device Comparison Tables
Table 1. Available Device Packages
ORDER NUMBER(1)
PACKAGE
PIN
BODY SIZE (NOM)
MOUNTING TYPE
LMT87DCK
SOT (AKA(2): SC70, DCK)
5
2.00 mm × 1.25 mm
Surface Mount
LMT87LP
TO-92 (AKA(2): LP)
3
4.30 mm × 3.50 mm
Through-hole; straight leads
LMT87LPG
TO-92S (AKA(2): LPG)
3
4.00 mm × 3.15 mm
Through-hole; straight leads
LMT87LPM
TO-92 (AKA(2): LPM)
3
4.30 mm × 3.50 mm
Through-hole; formed leads
LMT87DCK-Q1
SOT (AKA(2): SC70, DCK)
5
2.00 mm × 1.25 mm
Surface Mount
Table 2. Comparable Alternative Devices
DEVICE NAME
AVERAGE OUTPUT SENSOR GAIN
POWER SUPPLY RANGE
LMT84
–5.5 mV/°C
1.5 V to 5.5 V
LMT85
–8.2 mV/°C
1.8 V to 5.5 V
LMT86
–10.9 mV/°C
2.2 V to 5.5 V
LMT87
–13.6 mV/°C
2.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com