Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT87LP Datasheet(PDF) 11 Page - Texas Instruments

Part # LMT87LP
Description  LMT87 2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT87LP Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMT87LP Datasheet HTML 7Page - Texas Instruments LMT87LP Datasheet HTML 8Page - Texas Instruments LMT87LP Datasheet HTML 9Page - Texas Instruments LMT87LP Datasheet HTML 10Page - Texas Instruments LMT87LP Datasheet HTML 11Page - Texas Instruments LMT87LP Datasheet HTML 12Page - Texas Instruments LMT87LP Datasheet HTML 13Page - Texas Instruments LMT87LP Datasheet HTML 14Page - Texas Instruments LMT87LP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
J
A
JA
DD S
DD
OUT
L
T = T +
(V I ) + (V
- V
) I
T
ª
º
¬
¼
(-13.6 mV /
oC) u
V =
T + 2637 mV
(-13.6 mV /
oC) u
V - 2365 mV =
(T - 20
oC)
1958 mV - 2365 mV
50
oC - 20oC
u
¹
·
V - 2365 mV =
(T - 20
oC)
11
LMT87
www.ti.com
SNIS170E – JANUARY 2014 – REVISED OCTOBER 2017
Product Folder Links: LMT87
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
For information on self-heating and thermal response time see section Mounting and Thermal Conductivity.
For example, if the user wanted to resolve this equation, over a temperature range of 20°C to 50°C, they would
proceed as follows:
(4)
(5)
(6)
Using this method of linear approximation, the transfer function can be approximated for one or more
temperature ranges of interest.
8.4 Device Functional Modes
8.4.1 Mounting and Thermal Conductivity
The LMT87 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be
glued or cemented to a surface.
To ensure good thermal conductivity, the backside of the LMT87 die is directly attached to the GND pin. The
temperatures of the lands and traces to the other leads of the LMT87 will also affect the temperature reading.
Alternatively, the LMT87 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the LMT87 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate at cold
temperatures where condensation can occur. If moisture creates a short circuit from the output to ground or VDD,
the output from the LMT87 will not be correct. Printed-circuit coatings are often used to ensure that moisture
cannot corrode the leads or circuit traces.
The thermal resistance junction to ambient (RθJA or θJA) is the parameter used to calculate the rise of a device
junction temperature due to its power dissipation. Use Equation 7 to calculate the rise in the LMT87 die
temperature:
where
•
TA is the ambient temperature,
•
IS is the supply current,
•
ILis the load current on the output,
•
and VO is the output voltage.
(7)
For example, in an application where TA = 30°C, VDD = 5 V, IS = 5.4 μA, VOUT = 2231 mV, and IL = 2 μA, the
junction temperature would be 30.014°C, showing a self-heating error of only 0.014°C. Because the junction
temperature of the LMT87 is the actual temperature being measured, take care to minimize the load current that
the LMT87 is required to drive. Thermal Information(1) shows the thermal resistance of the LMT87.
8.4.2 Output Noise Considerations
A push-pull output gives the LMT87 the ability to sink and source significant current. This is beneficial when, for
example, driving dynamic loads like an input stage on an analog-to-digital converter (ADC). In these applications
the source current is required to quickly charge the input capacitor of the ADC. The LMT87 is ideal for this and
other applications which require strong source or sink current.
The LMT87 supply-noise gain (the ratio of the AC signal on VOUT to the AC signal on VDD) was measured during
bench tests. The typical attenuation is shown in Figure 8 found in the Typical Characteristics section. A load
capacitor on the output can help to filter noise.
For operation in very noisy environments, some bypass capacitance should be present on the supply within
approximately 5 centimeters of the LMT87.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com