Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV793MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV793MA/NOPB
Description  LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV793MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV793MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
'
AOL
Gmin
fd
f1
fu
f2
fu
fGBWP
UNITY-GAIN STABLE OP AMP
DECOMPENSATED OP AMP
1k
100k
100M
-20
20
100
10M
1M
10k
80
40
0
60
FREQUENCY (Hz)
-20
20
100
80
40
0
60
1k
100k
100M
-20
20
100
10M
1M
10k
80
40
0
60
FREQUENCY (Hz)
GAIN
PHASE
-20
20
100
80
40
0
60
LMV793, LMV794
www.ti.com
SNOSAX6D – MARCH 2007 – REVISED MARCH 2013
Figure 41. LMV793 AVOL vs. Frequency
Figure 42. LMV796 AVOL vs. Frequency
Figure 41 shows the much larger 88 MHz bandwidth of the LMV793 as compared to the 17 MHz bandwidth of
the LMV796 shown in Figure 42. The decompensated LMV793 has five times the bandwidth of the LMV796.
What is a Decompensated Op Amp?
The differences between the unity gain stable op amp and the decompensated op amp are shown in Figure 43.
This Bode plot assumes an ideal two pole system. The dominant pole of the decompensated op amp is at a
higher frequency, f1, as compared to the unity-gain stable op amp which is at fd as shown in Figure 43. This is
done in order to increase the speed capability of the op amp while maintaining the same power dissipation of the
unity gain stable op amp. The LMV793/LMV794 have a dominant pole at 1.6 kHz. The unity gain stable
LMV796/LMV797 have their dominant pole at 300 Hz.
Figure 43. Open Loop Gain for Unity-Gain Stable Op Amp and Decompensated Op Amp
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV793 LMV794



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com