Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV793MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV793MA/NOPB
Description  LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV793MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV793MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV793MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
0.1
1
10
1k
10k
FREQUENCY (Hz)
1
10
100
1000
100
5V
2.5V
CCM
IIN
RF
VOUT
+
-
+
-
VB
CF
CD
VOUT
IIN
- RF
=
CIN = CD + CCM
LMV793, LMV794
www.ti.com
SNOSAX6D – MARCH 2007 – REVISED MARCH 2013
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational
Amplifiers
Check for Samples: LMV793, LMV794
1
FEATURES
DESCRIPTION
The LMV793 (single) and the LMV794 (dual) CMOS
2
(Typical 5V Supply, Unless Otherwise Noted)
input operational amplifiers offer a low input voltage
•
Input Referred Voltage Noise 5.8 nV/
√Hz
noise density of 5.8 nV/
√Hz while consuming only
•
Input Bias Current 100 fA
1.15
mA
(LMV793)
of
quiescent
current.
The
LMV793/LMV794 are stable at a gain of 10 and have
•
Gain Bandwidth Product 88 MHz
a gain bandwidth product (GBW) of 88 MHz. The
•
Supply Current per Channel
LMV793/LMV794 have a supply voltage range of
–
LMV793 1.15 mA
1.8V to 5.5V and can operate from a single supply.
The LMV793/LMV794 each feature a rail-to-rail
–
LMV794 1.30 mA
output stage capable of driving a 600
Ω load and
•
Rail-to-Rail Output Swing
sourcing as much as 60 mA of current.
–
@ 10 k
Ω Load 25 mV from Rail
The LMV793/LMV794 provide optimal performance in
–
@ 2 k
Ω Load 45 mV from Rail
low voltage and low noise systems. A CMOS input
•
Ensured 2.5V and 5.0V Performance
stage, with typical input bias currents in the range of
a few femto-Amperes, and an input common mode
•
Total Harmonic Distortion 0.04% @1 kHz, 600
Ω
voltage range, which includes ground, make the
•
Temperature Range
−40°C to 125°C
LMV793/LMV794
ideal
for
low
power
sensor
applications where high speeds are needed.
APPLICATIONS
The LMV793/LMV794 are manufactured using TI’s
•
ADC Interface
advanced VIP50 process. The LMV793 is offered in
•
Photodiode Amplifiers
either a 5-Pin SOT23 or an 8-Pin SOIC package. The
LMV794 is offered in either the 8-Pin SOIC or the 8-
•
Active Filters and Buffers
Pin VSSOP.
•
Low Noise Signal Processing
•
Medical Instrumentation
•
Sensor Interface Applications
Typical Application
Figure 1. Photodiode Transimpedance Amplifier
Figure 2. Input Referred Voltage Noise vs.
Frequency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV793MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV793MA/NOPB TI1-LMV793MA/NOPB Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results

Similar Description - LMV793MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
SM73302 TI1-SM73302 Datasheet
1Mb / 24P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
SM73302 TI-SM73302_15 Datasheet
1Mb / 31P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com