Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV652MMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV652MMX/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV652MMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV652MMX/NOPB Datasheet HTML 1Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 2Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 3Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 4Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 5Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 6Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 7Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 8Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
LMV651, LMV652, LMV654
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LMV651 LMV652 LMV654
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum power dissipation is a function of TJ(MAX, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Differential input VID
±0.3
Supply voltage (VS = V
+ - V−)
6
Input or output pin voltage
V−
− 0.3
V+ + 0.3
V
Soldering information
Infrared or convection (20 sec)
235
°C
Wave soldering lead temperature (10 sec)
260
Junction temperature(3)
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7
(2)
Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-
C101-C (ESD FICDM std. of JEDEC).
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM)(1)
±2000
V
Machine model(2)
±100
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Temperature
−40
125
°C
Supply voltage
2.7
5.5
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LMV651
LMV652
LMV653
UNIT
DCK
(SC70)
DBV
(SOT-23)
DGK
(VSSOP)
PW
(TSSOP)
5 PINS
5 PINS
8 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
303.5
214.2
200.3
134.9
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
135.5
173.3
89.1
60.9
°C/W
RθJB
Junction-to-board thermal resistance
81.1
72.5
120.9
77.3
°C/W
ψJT
Junction-to-top characterization parameter
8.4
56.7
21.7
11.5
°C/W
ψJB
Junction-to-board characterization parameter
80.4
71.9
119.4
76.7
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com