Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV652MMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV652MMX/NOPB
Description  LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV652MMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV652MMX/NOPB Datasheet HTML 1Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 2Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 3Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 4Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 5Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 6Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 7Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 8Page - Texas Instruments LMV652MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
CC1
+
VOUT
+
-
-
CF
VIN
+
-
RB1
V
+
RB2
CC2
R2
R1
AV = -
R2
100 k:
R1
1 k:
= -100
120
100
10k
1M
100M
FREQUENCY (Hz)
-40
0
60
10M
100k
1k
100
80
40
20
-20
120
-40
0
60
100
80
40
20
-20
PHASE
GAIN
V
+
= 5V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMV651, LMV652, LMV654
SNOSAI7K – SEPTEMBER 2005 – REVISED MAY 2016
LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
1
1 Features
1
•
Typical 5-V Supply, Unless Otherwise Noted
•
Specified 3-V and 5-V Performance
•
Low Power Supply Current
–
LMV651: 116
μA
–
LMV652: 118
μA per Amplifier
–
LMV654: 122
μA per Amplifier
•
High Unity-Gain Bandwidth: 12 MHz
•
Maximum Input Offset Voltage: 1.5 mV
•
CMRR: 100 dB
•
PSRR: 95 dB
•
Input Referred Voltage Noise: 17 nV/
√Hz
•
Output Swing With 2-k
Ω Load, 120 mV from Rail
•
Total Harmonic Distortion: 0.003% at 1 kHz, 2 k
Ω
•
Temperature Range:
−40°C to 125°C
2 Applications
•
Portable Equipment
•
Automotive
•
Battery-Powered Systems
•
Sensors and Instrumentation
3 Description
TI’s LMV65x devices are high-performance, low-
power operational amplifier ICs implemented with TI's
advanced
VIP50
process.
This
family
of
parts
features 12 MHz of bandwidth while consuming only
116
μA of current, which is an exceptional bandwidth
to power ratio in this operational amplifier class. The
LMV65x devices are unity-gain stable and provide an
excellent solution for general-purpose amplification in
low-voltage, low-power applications.
This family of low-voltage, low-power amplifiers
provides superior performance and economy in terms
of power and space usage. These operational
amplifiers have a maximum input offset voltage of 1.5
mV, a rail-to-rail output stage, and an input common-
mode voltage range that includes ground. The
LMV65x provide a PSRR of 95 dB, a CMRR of 100
dB, and a total harmonic distortion (THD) of 0.003%
at 1-kHz frequency and 2-k
Ω load.
The operating supply voltage range for this family of
parts is from 2.7 V and 5.5 V. These operational
amplifiers can operate over a wide temperature range
(
−40°C to 125°C), making them ideal for automotive
applications,
sensor
applications,
and
portable
equipment applications. The LMV651 is offered in the
ultra-tiny 5-pin SC70 and 5-pin SOT-23 package. The
LMV652 is offered in an 8-pin VSSOP package. The
LMV654 is offered in a 14-pin TSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMV651
SOT-23 (5)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
LMV652
VSSOP (8)
3.00 mm × 3.00 mm
LMV654
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
High Gain Wide Bandwidth Inverting Amplifier
Open-Loop Gain and Phase vs Frequency


Similar Part No. - LMV652MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV652MMX/NOPB TI1-LMV652MMX/NOPB Datasheet
1Mb / 33P
LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
More results

Similar Description - LMV652MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
logo
National Semiconductor ...
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV651 NSC-LMV651_08 Datasheet
1,004Kb / 16P
12 MHz, Low Voltage, Low Power Amplifiers
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Texas Instruments
LMV651 TI-LMV651_15 Datasheet
1Mb / 28P
LMV651/LMV652/LMV654 12 MHz, Low Voltage, Low Power Amplifiers
LMV651 TI1-LMV651 Datasheet
1Mb / 33P
LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com