Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV721 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV721
Description  10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV721 Datasheet(HTML) 3 Page - Texas Instruments

  LMV721 Datasheet HTML 1Page - Texas Instruments LMV721 Datasheet HTML 2Page - Texas Instruments LMV721 Datasheet HTML 3Page - Texas Instruments LMV721 Datasheet HTML 4Page - Texas Instruments LMV721 Datasheet HTML 5Page - Texas Instruments LMV721 Datasheet HTML 6Page - Texas Instruments LMV721 Datasheet HTML 7Page - Texas Instruments LMV721 Datasheet HTML 8Page - Texas Instruments LMV721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMV721
LMV722
www.ti.com
SLOS470C – JUNE 2005 – REVISED SEPTEMBER 2010
Electrical Characteristics
VCC+ = 2.2 V, VCC− = GND, VICR = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
25°C
0.02
3
VIO
Input offset voltage
mV
–40°C to 105°C
3.5
TCVIO
Input offset voltage average drift
25°C
0.6
mV/°C
IIB
Input bias current
25°C
260
nA
IIO
Input offset current
25°C
25
nA
25°C
70
88
CMMR
Common-mode rejection ratio
VICR = 0 V to 1.3 V
dB
–40°C to 105°C
64
25°C
80
90
VCC+ = 2.2 V to 5 V,
PSRR
Power-supply rejection ratio
dB
VO = 0, VICR = 0
–40°C to 105°C
70
CMRR
≥ 50 dB
–0.3
VICR
Input common-mode voltage
25°C
V
1.3
25°C
75
81
RL = 600 Ω,
VO = 0.75 V to 2 V
–40°C to 105°C
70
AVD
Large-signal voltage gain
dB
25°C
75
84
RL = 2 kΩ,
VO = 0.5 V to 2.1 V
–40°C to 105°C
70
25°C
2.090
2.125
RL = 600 Ω to VCC+/2
–40°C to 105°C
2.065
25°C
0.071
0.120
–40°C to 105°C
0.145
VO
Output swing
V
25°C
2.150
2.177
RL = 2 kΩ to VCC+/2
–40°C to 105°C
2.125
25°C
0.056
0.080
–40°C to 105°C
0.105
25°C
10
14.9
Sourcing, VO = 0 V,
VIN(diff) = ±0.5 V
–40°C to 105°C
5
IO
Output current
mA
25°C
10
17.6
Sinking, VO = 2.2 V,
VIN(diff) = ±0.5 V
–40°C to 105°C
5
25°C
0.93
1.3
LMV721
–40°C to 105°C
1.5
ICC
Supply current
mA
25°C
1.81
2.4
LMV722
–40°C to 105°C
2.6
SR
Slew rate(1)
25°C
4.9
V/ms
GBW
Gain bandwidth product
25°C
10
MHz
Φm
Phase margin
25°C
67.4
°
Gm
Gain margin
25°C
–9.8
dB
Vn
Input-referred voltage noise
f = 1 kHz
25°C
9
nV/
√Hz
In
Input-referred current noise
f = 1 kHz
25°C
0.3
pA/
√Hz
f = 1 kHz, AV = 1,
THD
Total harmonic distortion
25°C
0.004
%
RL = 600 Ω, VO = 500 mVpp
(1)
Connected as voltage follower with 1-V step input. Number specified is the slower of the positive and negative slew rate.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): LMV721 LMV722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com