Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV721 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV721
Description  10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV721 Datasheet(HTML) 1 Page - Texas Instruments

  LMV721 Datasheet HTML 1Page - Texas Instruments LMV721 Datasheet HTML 2Page - Texas Instruments LMV721 Datasheet HTML 3Page - Texas Instruments LMV721 Datasheet HTML 4Page - Texas Instruments LMV721 Datasheet HTML 5Page - Texas Instruments LMV721 Datasheet HTML 6Page - Texas Instruments LMV721 Datasheet HTML 7Page - Texas Instruments LMV721 Datasheet HTML 8Page - Texas Instruments LMV721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LMV721
0
DBV or DCK PACKAGE
(TOP VIEW)
LMV722
0
D, DGK, OR DRG PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VCC+
2OUT
2IN−
2IN+
1OUT
1IN−
1IN+
VCC−
1
2
3
5
4
OUT
VCC−
IN+
VCC+
IN−
LMV721
LMV722
www.ti.com
SLOS470C – JUNE 2005 – REVISED SEPTEMBER 2010
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
Check for Samples: LMV721, LMV722
1
FEATURES
•
Power-Supply Voltage Range: 2.2 V to 5.5 V
•
Low Supply Current: 930 mA/Amplifier at 2.2 V
•
High Unity-Gain Bandwidth: 10 MHz
•
Rail-to-Rail Output Swing
–
600-
Ω Load: 120 mV From Either Rail at
2.2 V
–
2-k
Ω Load: 50 mV From Either Rail at 2.2 V
•
Input Common-Mode Voltage Range Includes
Ground
•
Input Voltage Noise: 9 nV/
√Hz at f = 1 kHz
APPLICATIONS
•
Cellular and Cordless Phones
•
Active Filter and Buffers
•
Laptops and PDAs
•
Battery Powered Electronics
DESCRIPTION/ORDERING INFORMATION
The LMV721 (single) and LMV722 (dual) are low-noise low-voltage low-power operational amplifiers that can be
designed into a wide range of applications. The LMV721 and LMV722 have a unity-gain bandwidth of 10 MHz, a
slew rate of 5 V/ms, and a quiescent current of 930 mA/amplifier at 2.2 V.
The LMV721 and LMV722 are designed to provide optimal performance in low-voltage and low-noise systems.
They provide rail-to-rail output swing into heavy loads. The input common-mode voltage range includes ground,
and the maximum input offset voltage are 3.5 mV (over recommended temperature range) for the devices. Their
capacitive load capability is also good at low supply voltages. The operating range is from 2.2 V to 5.5 V.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
Reel of 3000
LMV721IDCKR
SC-70 – DCK
RK_
Single
Reel of 250
LMV721IDCKT
SOT-23 – DBV
Reel of 3000
LMV721IDBVR
RBF_
–40°C to 105°C
Reel of 2500
LMV722IDR
SOIC – D
MV722I
Tube of 75
LMV722ID
Dual
VSSOP – DGK
Reel of 2500
LMV722IDGKR
R6_
QFN – DRG
Reel of 2500
LMV722IDRGR
ZYY
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DGK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
927Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Guangdong Youtai Semico...
LMV721 UMW-LMV721 Datasheet
4Mb / 18P
10MHz, RRIO CMOSOperational Amplifiers
More results

Similar Description - LMV721

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_06 Datasheet
278Kb / 19P
Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_10 Datasheet
283Kb / 19P
Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
10-MHz Low-Noise, Low-Voltage Operational Amplifier
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com