Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV721 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

LMV721 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # LMV721
Download  LMV721 Download
File Size   4196.11 Kbytes
Page   18 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 10MHz, RRIO CMOSOperational Amplifiers

LMV721 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV721 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV721
Download  LMV721 Click to download

File Size   4196.11 Kbytes
Page   18 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 10MHz, RRIO CMOSOperational Amplifiers

LMV721 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


LMV721 Product details

General Description
The LMV721A (single), LMV722A
(dual) and LMV724A (quad) are low
noise, low voltage, and micro power
operational amplifiers. With an excellent
bandwidth of 10MHz, a slew rate of 9V/μs,
and a quiescent current of 1000μA per
amplifier at 5V, the LMV72xA family can be
designed into a wide range of applications.
The LMV72xA op-amps are designed
to provide optimal performance in low
voltage and low noise systems. The input
common-mode voltage range includes
ground, and the maximum input offset
voltage are 3.5mV. These parts provide railto-
rail output swing into heavy loads. The
LMV72xA family is specified for single or
dual power supplies of +2.5V to +5.5V. All
models are specified over the extended
industrial temperature range of −40℃ to
+125℃.
The LMV721A is available in 5-lead
SC70 and SOT-23 packages. The
LMV722A is available in 8-lead MSOP,
DFN2*2, TSSOP and SOP packages. The
LMV724A is available in 14-lead TSSOP and
SOP packages.

Features
 High Slew Rate: 9V/μs
 Wide Bandwidth: 10MHz
 Low Power: 1000μA per Amplifier Supply
Current
 Settling Time to 0.1% with 2V Step: 0.25 μs
 Low Noise: 20 nV/ HZ@10kHz
 Low Offset Voltage: 3.5 mV Maximum
 Unit Gain Stable
 Rail-to-Rail Input and Output
 Input Voltage Range: -0.1V to +5.1V at
5V Supply
 Operating Power Supply: +2.5V to +5.5V
 Operating Temperature Range: -40℃ to +125℃

Applications
 Photodiode Amplification
 Sensor Interfaces
 Audio Outputs
 Active Filters
 Driving A/D Converters
 Portable Equipment & Battery-Powered
Instrumentation




Similar Part No. - LMV721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
927Kb / 15P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721 TI2-LMV721 Datasheet
1Mb / 30P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 2010
More results


Similar Description - LMV721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
10MHz, Low Noise, Operational Amplifiers
April 2002
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
Low Power, RRIO Operational Amplifiers
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
Dual 1.8V, RRIO Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
10MHz, Low Noise, Operational Amplifiers
May 2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com