Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV721 Datasheet(PDF) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV721
Description  10MHz, RRIO CMOSOperational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV721 Datasheet(HTML) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LMV721 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application Notes
Direct capacitive loading reduces the phase margin of amplifiers and this results in ringing or
even oscillation. Applications that require greater capacitive drive capability should use an
isolation resistor between the output and the capacitive load like the circuit in Figure 14. The
isolation resistor RISO and the load capacitor CL form a zero to increase stability. The bigger
the RISO resistor value, the more stable VOUT will be. Note that this method results in a loss of
gain accuracy because RISO forms a voltage divider with the RL.
Fig. 14 Indirectly Driving Heavy Capacitive Load
An improvement circuit is shown in Figure 15. It provides DC accuracy as well as AC
stability. The RF provides the DC accuracy by connecting the inverting signal with the output.
The CF and RISO serve to counteract the loss of phase margin by feeding the high frequency
component of the output signal back to the amplifier’s inverting input, thereby preserving
phase margin in the overall feedback loop.
Fig. 15 Indirectly Driving Heavy Capacitive Load with DC Accuracy
For no-buffer configuration, there are two other ways to increase the phase margin: (a)
by increasing the amplifier’s gain, or (b) by placing a capacitor in parallel with the feedback
resistor to counteract the parasitic capacitance associated with inverting node.
Power Supply Layout And Bypass
The LMV72xA family operates from either a single +2.5V to +5.5V supply or
dual
±1.25V to ±2.25V supplies. For single-supply operation, bypass the power supply VS
with a ceramic capacitor (i.e. 0.01μF to 0.1μF) which should be placed close (within 2mm
for good high frequency performance) to the VS pin. For dual-supply operation both the VS+
and the
www.umw-ic.com
10
UTD Semiconductor Co.,Limited
LMV721, LMV722, LMV724
10MHz, RRIO CMOS Operational Amplifiers
UMW
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com