Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV721 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV721
Description  10MHz, RRIO CMOSOperational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV721 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LMV721 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV721 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics(TA=25℃)
( VS=5.0V ,TA=+25℃ ,VCM=VS /2 ,VO=VS/2, RL=10kΩ connected to VS/2, unless otherwise noted )
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
INPUT CHARACTERISTICS
VOS
Input offset voltage
-3.5
±0.8
+
3.5
mV
B Version
-0.9
±0.4
+
0.9
mV
C Version
-0.35
±0.1
+0.35
mV
VOSTC
Offset voltage drift
3
μV/°C
IB
Input bias current
1
pA
Over temperature
800
IOS
Input offset current
1
pA
VCM
Common-mode voltage
range
VS––0.1
VS++0.1
V
CMRR
Common-mode rejection
ratio
VCM = 0.05V to 3.5V
70
84
dB
Over temperature
80
VCM = VS––0.1 to VS++0.1 V
60
76
AVOL
Open-loop voltage gain
RL= 10kΩ, VO = 0.1 to 4.9 V
90
102
Over temperature
90
RL= 600Ω, VO = 0.2 to 4.8 V
80
89
Over temperature
80
RIN
Input resistance
100
GΩ
CIN
Input capacitance
Differential
2.0
pF
Common mode
3.5
OUTPUT CHARACTERISTICS
VOH
High output voltage swing
RL = 600Ω
VS+–100
mV
RL = 10kΩ
VS+–8
VOL
Low output voltage swing
RL = 600Ω
100
mV
RL = 10kΩ
8
ZOUT
Closed-loop output
impedance
f = 200kHz, G = +1
0.8
Ω
Open-loop output
impedance
f = 1MHz, IO = 0
3
ISC
Short-circuit current
Source current through 10Ω
40
mA
Sink current through 10Ω
40
www.umw-ic.com
4
UTD Semiconductor Co.,Limited
LMV721, LMV722, LMV724
10MHz, RRIO CMOS Operational Amplifiers
UMW
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com