Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3995 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3995
Description  LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3995 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3995 Datasheet HTML 7Page - Texas Instruments LP3995 Datasheet HTML 8Page - Texas Instruments LP3995 Datasheet HTML 9Page - Texas Instruments LP3995 Datasheet HTML 10Page - Texas Instruments LP3995 Datasheet HTML 11Page - Texas Instruments LP3995 Datasheet HTML 12Page - Texas Instruments LP3995 Datasheet HTML 13Page - Texas Instruments LP3995 Datasheet HTML 14Page - Texas Instruments LP3995 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
R1
R2
Fast
turnon and
turnoff
VREF
Overcurrent
Thermal Prot.
IN
EN
BYPASS
OUT
+
-
GND
LP3995
www.ti.com
SNVS179F – FEBRUARY 2003 – REVISED SEPTEMBER 2015
8 Detailed Description
8.1 Overview
The LP3995 device is a CMOS voltage regulator with a low input operating voltage tolerance. Key protection
circuits, including thermal-overload and short-circuit protection, are integrated in the device. Using the EN pin,
the device may be controlled to provide a shutdown state, in which negligible supply current is drawn. The
LP3995 is designed to be stable with space-saving ceramic capacitors.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Enable (EN)
The EN pin is used to control the ON or OFF status of the LP3995. The EN pin voltage must be higher than the
VIH threshold to ensure that the device is fully enabled under all operating conditions.
8.3.2 Fast Turnoff
When the EN pin voltage is lower than the VIL threshold, the output is disabled, and the pull-down circuitry is
activated to discharge the output capacitance.
8.3.3 Low Output Noise
The BYPASS pin is an external connection into the LP3995 band-gap circuitry allows the addition of an external
capacitor to reduce output noise . A fast-charge circuit is controlled by the enable circuitry to reduce start-up
delays. The capacitor on the BYPASS pin also prevents overshoot on the output during startup.
8.3.4 Output Capacitor
The LP3995 requires at least a 1-µF low ESR ceramic capacitor at the OUT pin.
8.3.5 Thermal Overload Protection (TSD)
Thermal shutdown disables the output when the junction temperature rises to approximately 160°C which allows
the device to cool. When the junction temperature cools to approximately 140°C, the output circuitry
automatically enables. Based on power dissipation, thermal resistance, and ambient temperature, the thermal
protection circuit may cycle on and off. This thermal cycling limits the dissipation of the regulator and protects it
from damage as a result of overheating. The thermal shutdown circuitry of the LP3995 has been designed to
protect against temporary thermal overload conditions. The thermal shutdown circuitry is not intended to replace
proper heat-sinking. Continuously running the LP3995 device into thermal shutdown may degrade device
reliability.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com