Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUTW92 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUTW92
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUTW92 Datasheet(HTML) 1 Page - STMicroelectronics

  BUTW92 Datasheet HTML 1Page - STMicroelectronics BUTW92 Datasheet HTML 2Page - STMicroelectronics BUTW92 Datasheet HTML 3Page - STMicroelectronics BUTW92 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUTW92
HIGH CURRENT NPN SILICON TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN TRANSISTOR
APPLICATIONS:
s
MOTOR CONTROL
s
HIGH FREQUENCY AND EFFICIENCY
CONVERTERS
DESCRIPTION
High current, high speed transistor suited for
power conversion applications, high efficency
converters and motor controls.
INTERNAL SCHEMATIC DIAGRAM
July 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
500
V
VCEO
Collector-Emitter Voltage (IB = 0)
250
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IE
Emitter-Current
60
A
IEM
Emitter Peak Current (tp < 5ms)
70
A
IB
Base Current
15
A
IBM
Base Peak Current (tp < 5ms)
18
A
Ptot
Total Dissipation at Tc
≤ 25 oC
180
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
For PNP type voltage and current values are negative.
1
2
3
TO-247
1/4


Similar Part No. - BUTW92

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUTW92 STMICROELECTRONICS-BUTW92 Datasheet
43Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Sep-2001
logo
Inchange Semiconductor ...
BUTW92 ISC-BUTW92 Datasheet
388Kb / 2P
isc Silicon NPN Power Transistor
logo
STMicroelectronics
BUTW92 STMICROELECTRONICS-BUTW92_01 Datasheet
43Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Sep-2001
More results

Similar Description - BUTW92

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDY90 STMICROELECTRONICS-BDY90 Datasheet
62Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BUR51 STMICROELECTRONICS-BUR51 Datasheet
65Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BUV20 STMICROELECTRONICS-BUV20 Datasheet
41Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jan-2000
logo
Seme LAB
BDY26C SEME-LAB-BDY26C Datasheet
20Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY25A SEME-LAB-BDY25A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28A SEME-LAB-BDY28A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28B SEME-LAB-BDY28B_07 Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5038 NJSEMI-2N5038 Datasheet
75Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BUX41 NJSEMI-BUX41 Datasheet
119Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com