Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUTW92 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUTW92
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUTW92 Datasheet(HTML) 2 Page - STMicroelectronics

  BUTW92 Datasheet HTML 1Page - STMicroelectronics BUTW92 Datasheet HTML 2Page - STMicroelectronics BUTW92 Datasheet HTML 3Page - STMicroelectronics BUTW92 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
MAX
0.7
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = -1.5V)
VCE = 450 V
VCE = 450 V
TC = 100
o C
50
1
µA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
50
µA
VCES
Collector-Emitter
Breakdown Voltage
(VEB =0)
IC = 5 mA
500
V
VEBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 50 mA
7
V
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB=0)
IC = 200 mA
250
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 60 A
IB = 15 A
IC = 60 A
IB = 15 A
TC = 100
oC
0.8
1.1
1
1.5
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 60 A
IB = 15 A
IC = 60 A
IB = 15 A
TC = 100
oC
1.9
2
V
V
hFE
DC Current Gain
IC = 60 A
VCE = 3 V
IC = 60 A
VCE = 3 V TC = 100
oC
IC = 5 A
VCE = 3 V
9
6
65
ts
tf
RESISTIVE LOAD
Storage Time
Fall Time
IC = 50 A
VCC = 250 V
IB1 = -IB2 = 10 A
1.2
250
1.4
300
µs
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUTW92
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com