Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV20 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUV20
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV20 Datasheet(HTML) 2 Page - STMicroelectronics

  BUV20 Datasheet HTML 1Page - STMicroelectronics BUV20 Datasheet HTML 2Page - STMicroelectronics BUV20 Datasheet HTML 3Page - STMicroelectronics BUV20 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
0.7
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEX
Collector Cut-off
Current (VBE = -1.5V)
VCE = 160 V
VCE = 160 V
Tcase = 125
oC
3
12
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 100 V
3
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 200 mA
L = 25 mH
125
V
V(BR)EB0
∗ Emitter-base
Breakdown Voltage
(IC = 0)
IE = 50 mA
7
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 25 A
IB = 2.5 A
IC = 50 A
IB = 5 A
0.3
0.7
0.6
1.2
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 50 A
IB = 5 A
1.4
2
V
hFE
∗
DC Current Gain
VCE = 2 V
IC = 25 A
VCE = 4 V
IC = 50 A
20
10
60
fT
Transition frequency
VCE = 15 V
IC = 2 A
f = 100 MHz
8
MHz
ton
tf
ts
RESISTIVE LOAD
Turn-on Time
Fall Time
Storage Time
IC = 50 A
IB1 = -IB2 = 5 A
1.5
0.3
1.2
µs
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %.
BUV20
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com