Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUV20
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV20 Datasheet(HTML) 1 Page - STMicroelectronics

  BUV20 Datasheet HTML 1Page - STMicroelectronics BUV20 Datasheet HTML 2Page - STMicroelectronics BUV20 Datasheet HTML 3Page - STMicroelectronics BUV20 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUV20
HIGH CURRENT NPN SILICON TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
NPN TRANSISTOR
s
HIGH CURRENT CAPABILITY
s
FAST SWITCHING SPEED
s
HIGH RUGGEDNESS
APPLICATIONS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
s
SWITCHING REGULATORS
DESCRIPTION
The BUV20 is silicon Multiepitaxial Planar NPN
transistor mounted in jedec TO-3 metal case. It is
intended
for
use
in
switching
and
linear
applications in military and industrial equipment.
INTERNAL SCHEMATIC DIAGRAM
January 2000
1
2
TO-3
(version "S")
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
160
V
VCER
Collector-Emitter Voltage (RBE = 100
Ω)
150
V
VCEX
Collector-Emitter Voltage (VBE = -1.5V)
160
V
VCEO
Collector-Emitter Voltage (IB = 0)
125
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
50
A
ICM
Collector Peak Current
60
A
IB
Base Current
10
A
Ptot
Total Power Dissipation at Tcase
≤ 25 oC
250
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Junction Temperature
200
oC
®
1/4


Similar Part No. - BUV20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
logo
ON Semiconductor
BUV20 ONSEMI-BUV20 Datasheet
142Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
May, 2001 ??Rev. 10
logo
Seme LAB
BUV20 SEME-LAB-BUV20 Datasheet
18Kb / 2P
NPN MULTI - EPITAXIAL POWER TRANSISTOR
logo
ON Semiconductor
BUV20 ONSEMI-BUV20 Datasheet
62Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
May, 2001 ??Rev. 10
logo
New Jersey Semi-Conduct...
BUV20 NJSEMI-BUV20 Datasheet
75Kb / 2P
NPN MULTI - EPITAXIAL POWER TRANSISTOR
More results

Similar Description - BUV20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDY90 STMICROELECTRONICS-BDY90 Datasheet
62Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BUR51 STMICROELECTRONICS-BUR51 Datasheet
65Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BUTW92 STMICROELECTRONICS-BUTW92 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jul-1997
logo
Seme LAB
BDY26C SEME-LAB-BDY26C Datasheet
20Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY25A SEME-LAB-BDY25A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28A SEME-LAB-BDY28A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28B SEME-LAB-BDY28B_07 Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5038 NJSEMI-2N5038 Datasheet
75Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BUX41 NJSEMI-BUX41 Datasheet
119Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com