Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV26 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUV26
Description  MEDIUM POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV26 Datasheet(HTML) 1 Page - STMicroelectronics

  BUV26 Datasheet HTML 1Page - STMicroelectronics BUV26 Datasheet HTML 2Page - STMicroelectronics BUV26 Datasheet HTML 3Page - STMicroelectronics BUV26 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUV26
MEDIUM POWER NPN SILICON TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN TRANSISTOR
s
FAST SWITCHING SPEED
s
LOW COLLECTOR EMITTER SATURATION
APPLICATIONS
s
SWITCHING REGULATORS
s
MOTOR CONTROL
DESCRIPTION
The BUV26 is a Multiepitaxial Planar NPN
Transistor in TO-220 package. It is intended for
use in high frequency and efficency converters,
switching regulators and motor control.
INTERNAL SCHEMATIC DIAGRAM
June 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-base Voltage (IE = 0)
180
V
VCEO
Collector-Emitter Voltage (IB = 0)
90
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Emitter Current
14
A
ICM
Collector Peak Current (tp <10ms)
25
A
IB
Base Current
4
A
IBM
Base Peak Current (tp <10ms)
6
A
Ptot
Total Dissipation at Tc < 25
oC85
W
Ptot
Total Dissipation at Tc < 60
o C65
W
Tstg
Storage Temperature
-65 to +175
oC
Tj
Max. Operating Junction Temperature
175
oC
1
2
3
TO-220
1/4


Similar Part No. - BUV26

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
57Kb / 4P
MEDIUM POWER NPN SILICON TRANSISTOR
Feb-2003
logo
ON Semiconductor
BUV26 ONSEMI-BUV26 Datasheet
46Kb / 3P
Switchmode Series NPN Silicon Power Transistor
August, 2005 ??Rev. 1
logo
Savantic, Inc.
BUV26 SAVANTIC-BUV26 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
logo
ON Semiconductor
BUV26 ONSEMI-BUV26 Datasheet
87Kb / 3P
Switchmode Series NPN Silicon Power Transistor
July, 2011 ??Rev. 2
logo
Inchange Semiconductor ...
BUV26 ISC-BUV26 Datasheet
132Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUV26

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
2N3506 MICROSEMI-2N3506 Datasheet
96Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
NPN Silicon Medium Power Transistor
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
Medium Power Transistor NPN silicon
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
CZT31C-C SECOS-CZT31C-C Datasheet
251Kb / 2P
NPN Silicon Medium Power Transistor
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
NPN Silicon Medium Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com