Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV26 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUV26
Description  MEDIUM POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV26 Datasheet(HTML) 2 Page - STMicroelectronics

  BUV26 Datasheet HTML 1Page - STMicroelectronics BUV26 Datasheet HTML 2Page - STMicroelectronics BUV26 Datasheet HTML 3Page - STMicroelectronics BUV26 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.76
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current (RBE = 5
0Ω)
VCE = 180V Tc = 125
o C
3mA
ICEX
Collector Cut-off
Current
VCE = 180V VBE = -1.5V Tc = 125
oC1
mA
IEBO
Emitter Cut-off
Current (IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 0.2 A
L = 25mH
90
V
VEBO
Emitter-Base
Voltage (IC = 0)
IE = 50mA
7
30
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 6A
IB = 0.6A
IC = 12A
IB = 1.2A
0.6
1.5
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC =12A
IB = 1.2A
2
V
ton
ts
tf
RESISTIVE LOAD
Turn-on Time
Storage Time
Fall Time
VCC = 50V
IC =12A
VBE = - 6V
IB1 = 1.2A
RBB = 2.5
Ω
0.4
0.45
0.12
0.6
1
0.25
ms
µs
µs
ts
tf
ts
tf
INDUCTIVE LOAD
Storage time
Fall Time
Storage Time
Fall Time
VCC = 50V
IC = 12A
VBE = - 5V
IB1 = 1.2A
LB = - 0.5
µH
VCC = 50V
IC = 12 A
VBE = - 5V
IB1 = 1.2A
LB = - 0.5
µH
Tj = 125
o C
0.5
0.04
2
0.15
µs
µs
µs
µs
∗ Pulsed: Pulse duration = 300µs, duty cycle = 1.5 %
BUV26
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com