Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6V1P3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC6V1P3
Description  ASD (Application Specific Devices) Low capacitance TRANSIL??arrays for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1P3 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC6V1P3 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1P3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2006
Rev 3
1/9
9
ESDALC6V1Px
ASD (Application Specific Devices)
Low capacitance TRANSIL™ arrays for ESD protection
Main applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and acessories
■ Wireline and wireless telephone sets
■ Set top boxes
Features
■ 2 to 4 unidirectional Transil functions
■ Breakdown voltage VBR = 6.1 V min.
■ Low leakage current < 100 nA
■ Low capacitance (7.5 pF @ 3 V)
■ Very small PCB area < 2.6 mm2
Description
The ESDALC6V1Px are monolithic suppressors
designed to protect components connected to
data and transmission lines against ESD.
These devices clamp the voltage just above the
logic level supply for positive transients and to a
diode drop below ground for negative transients.
Benefits
■ High ESD protection level
■ High integration
Complies with the following standards:
TM: TRANSIL is a trademark of STMicroelectronics
Order code
ESDALC6V1P3 functional diagram
ESDALC6V1P5 functional diagram
ESDALC6V1P6 functional diagram
IEC61000-4-2 level 4:
15 kV(air discharge)
8 kV(contact discharge)
MIL STD 883E-Method 3015-7: class3
25 kV HBM (Human Body Model)
Part number
Marking
ESDALC6V1P3
A2
ESDALC6V1P5
A1
ESDALC6V1P6
D
SOT663
SOT665
SOT666IP
www.st.com


Similar Part No. - ESDALC6V1P3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1P5 STMICROELECTRONICS-ESDALC6V1P5 Datasheet
53Kb / 5P
QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
Feb-2004
logo
Shanghai Leiditech Elec...
ESDALC6V1P5 LEIDITECH-ESDALC6V1P5 Datasheet
381Kb / 3P
LOW CAPACITANCE TVS DIODE ARRAY
Rev 2.0 : 12.01.2020
logo
TECH PUBLIC Electronics...
ESDALC6V1P5 TECHPUBLIC-ESDALC6V1P5 Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
logo
STMicroelectronics
ESDALC6V1P6 STMICROELECTRONICS-ESDALC6V1P6 Datasheet
160Kb / 10P
QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
02-Nov-2005
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX Datasheet
233Kb / 9P
Low capacitance Transil??arrays for ESD protection
23-Apr-2008
More results

Similar Description - ESDALC6V1P3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
Low capacitance Transil??arrays for ESD protection
23-Apr-2008
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
28-Aug-2006
ESDALC6V1-1M2 STMICROELECTRONICS-ESDALC6V1-1M2 Datasheet
147Kb / 10P
Single line low capacitance Transil for ESD protection
26-Nov-2007
ESDALC6V1M6 STMICROELECTRONICS-ESDALC6V1M6_08 Datasheet
213Kb / 11P
4- and 5-line low capacitance Transil arrays for ESD protection
14-Feb-2008
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3_08 Datasheet
334Kb / 7P
Dual low capacitance Transil array for ESD protection
January 2006
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
Low capacitance Transil arrays for ESD protection
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
logo
STMicroelectronics
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com