Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3684 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DF3684
Description  DULUX F 36 W/840 2G10
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF3684 Datasheet(HTML) 1 Page - OSRAM GmbH

  DF3684 Datasheet HTML 1Page - OSRAM GmbH DF3684 Datasheet HTML 2Page - OSRAM GmbH DF3684 Datasheet HTML 3Page - OSRAM GmbH DF3684 Datasheet HTML 4Page - OSRAM GmbH DF3684 Datasheet HTML 5Page - OSRAM GmbH DF3684 Datasheet HTML 6Page - OSRAM GmbH DF3684 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product benefits
Very economical
Good quality of light
Excellent luminous efficiency
Extremely low profile
Long service life
Product features
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in 2G10 base
Average life: 10,000 h
Color rendering index Ra: 80…89
Product datasheet
DULUX F 36 W/840 2G10
OSRAM DULUX F | Flat CFLni, 2 tubes, with 4-pin base for ECG/CCG operation
Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry
__
August 26, 2014, 00:17:47
© 2014, OSRAM GmbH. All rights reserved.
DULUX F 36 W/840 2G10
Page 1 of 7


Similar Part No. - DF3684

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DF3650S150D TOKEN-DF3650S150D Datasheet
524Kb / 19P
DF-B Dielectric Filters
logo
Faraday Technology
DF36B0075 FARADAY-DF36B0075 Datasheet
17Kb / 2P
HDTV DELAY LINES
More results

Similar Description - DF3684

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R4840NV STMICROELECTRONICS-GS-R4840NV Datasheet
37Kb / 3P
36 W NEGATIVE SWITCHING REGULATOR
Dec-1993
logo
Wall Industries,Inc.
MPQ48S1.8-36R WALL-MPQ48S1.8-36R Datasheet
341Kb / 7P
36 W DC-DC Converter
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com