Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3684 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DF3684
Description  DULUX F 36 W/840 2G10
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF3684 Datasheet(HTML) 5 Page - OSRAM GmbH

  DF3684 Datasheet HTML 1Page - OSRAM GmbH DF3684 Datasheet HTML 2Page - OSRAM GmbH DF3684 Datasheet HTML 3Page - OSRAM GmbH DF3684 Datasheet HTML 4Page - OSRAM GmbH DF3684 Datasheet HTML 5Page - OSRAM GmbH DF3684 Datasheet HTML 6Page - OSRAM GmbH DF3684 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Lamp-ECG combination (System)
Product name
Product name ECG
EAN
Nominal current
Nominal wattage
+ Power loss
Luminous flux at
35 °C
Number of
lighting outlets
DULUX F 36W/840 2G10
QT-M 2x26-42/220-240 S
4008321110022
0.30 A
70.00 W
2700 lm
2
QTP-DL 1x36-40
4008321117908
0.17 A
35.00 W
2800 lm
1
QTP-DL 2x36-40
4008321117922
0.33 A
68.00 W
2800 lm
2
QTP-M 1x26-42
4008321329134
0.16 A
35.00 W
2700 lm
1
QTP-M 2x26-32
4008321329158
0.30 A
68.00 W
2700 lm
2
QTP-OPTIMAL 1x18-40
4008321873743
0.15 A
34.00 W
2700 lm
1
QTP-OPTIMAL 2x18-40
4008321873767
0.30 A
67.00 W
2700 lm
2
QTi 1x14/24/21/39 GII
4008321383334
0.15 A
34.00 W
2750 lm
1
QTi 1x36 DIM
4050300870625
0.16 A
36.00 W
2900 lm
1
QTi 2x14/24/21/39 GII
4008321383396
0.29 A
66.00 W
2800 lm
2
QTi 2x36 DIM
4050300870755
0.31 A
69.00 W
2900 lm
2
QTi DALI 1x36 DIM
4050300870427
0.16 A
36.00 W
2900 lm
1
QTi DALI 2x36 DIM
4050300870885
0.31 A
69.00 W
2900 lm
2
Product datasheet
__
August 26, 2014, 00:17:47
© 2014, OSRAM GmbH. All rights reserved.
DULUX F 36 W/840 2G10
Page 5 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com