Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3301MOD Datasheet(PDF) 20 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 16Page - Texas Instruments CC3301MOD Datasheet HTML 17Page - Texas Instruments CC3301MOD Datasheet HTML 18Page - Texas Instruments CC3301MOD Datasheet HTML 19Page - Texas Instruments CC3301MOD Datasheet HTML 20Page - Texas Instruments CC3301MOD Datasheet HTML 21Page - Texas Instruments CC3301MOD Datasheet HTML 22Page - Texas Instruments CC3301MOD Datasheet HTML 23Page - Texas Instruments CC3301MOD Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
7 Device Certification
The CC3300MOD and CC3301MOD modules from TI are certified for FCC, IC, ETSI/CE, and Japan MIC. The
module is also Wi-Fi CERTIFIED™ with the ability to request a certificate transfer for Wi-Fi Alliance® members.
TI customers who build products based on the CC330xMOD device from TI can save on testing costs and time
per product family. Table 7-1 shows the certification list for the CC3301MOD module.
Note
The FCC and IC IDs must be located in both the user manual and on the packaging. Due to the small
size of the module (11 mm x 11 mm), placing the IDs and markings in a type size large enough to be
legible without the aid of magnification is impractical.
Table 7-1. Device Certification
REGULATORY BODY
SPECIFICATION
ID (IF APPLICABLE)
FCC (USA)
Part 15C + MPE FCC RF exposure
Z64-CC33SBMOD
IC/ISED (Canada)
RSS-102 (MPE) and RSS-247 (Wi-Fi, Bluetooth)
451I-CC33SBMOD
ETSI/CE (Europe)
EN300328 v2.2.2 (2.4GHz Wi-Fi, Bluetooth)
—
EN62311:2020 (MPE)
—
EN301489-1 v2.2.3 (general EMC)
—
EN301489-17 v3.3.1 (EMC)
—
EN62368-1
—
MIC (Japan)
Article 49-20 of ORRE
201-250389 (Test Grade: 01)
201-250390 (Test Grade: 00)
7.1 FCC Certification and Statement
The CC330xMOD modules from TI are certified for the FCC as a single-modular transmitter. The modules are
FCC-certified radio modules that carry a modular grant. Users are cautioned that changes or modifications not
expressly approved by the party responsible for compliance could void the authority of the user to operate the
equipment.
This device complies with Part 15 of the FCC rules. Operation is subject to the following two conditions:
• This device may not cause harmful interference.
• This device must accept any interference received, including interference that may cause undesired
operation of the device.
CAUTION
FCC RF Radiation Exposure Statement
This equipment complies with FCC radiation exposure limits set forth for an uncontrolled
environment. End users must follow the specific operating instructions to satisfy RF exposure limits.
This transmitter must not be colocated or operate with any other antenna or transmitter.
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com