Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3301MOD Datasheet(PDF) 28 Page - Texas Instruments

Part # CC3301MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3301MOD Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC3301MOD Datasheet HTML 24Page - Texas Instruments CC3301MOD Datasheet HTML 25Page - Texas Instruments CC3301MOD Datasheet HTML 26Page - Texas Instruments CC3301MOD Datasheet HTML 27Page - Texas Instruments CC3301MOD Datasheet HTML 28Page - Texas Instruments CC3301MOD Datasheet HTML 29Page - Texas Instruments CC3301MOD Datasheet HTML 30Page - Texas Instruments CC3301MOD Datasheet HTML 31Page - Texas Instruments CC3301MOD Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Software
SimpleLink Wi-Fi
Toolbox
SimpleLink Wi-Fi Toolbox is a collection of tools to help development and testing of the
CC33xx. The Wi-Fi toolbox package provides all the capabilities required to debug and
monitor WLAN/Bluetooth® Low Energy firmware with a host, perform RF validation tests,
run pretest for regulatory certification testing, and debug hardware and software platform
integration issues.
CC33xx device
drivers
The CC33XX are single-chip Wi-Fi 6 and Bluetooth Low Energy 5.4 companion devices
for both Linux- and RTOS-based systems. CC33XX-SOFTWARE is a collection of software
development sources aimed to facilitate quick setup, out-of-box experience, and accelerate
development in Linux or RTOS environments.
9.4 Documentation Support
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
Application Reports
CC33xx Production
Line Guide
Texas Instruments™ provides many resources to assist users in quickly examining the
functionality and performance of the TI devices. This document provides the necessary
information to guide the user in production line testing for CC33xx. The devices' functions
can be checked using tools and software provided by Texas Instruments. Performance
testing is more involved as external equipment is required for a thorough examination.
SimpleLink CC33xx
Security Features
This document describes the CC33xx security-related features, which are made available
to vendors through an ecosystem that incorporates simple and concise APIs, tools, and
documentation
SimpleLink CC33xx
Host Interfaces
This document describes the host interface between the host processor and CC33xx
companion IC and provides the system designer with all the required technical
information for easy integration
User's Guides
CC33xx WLAN
Features User's Guide
This document provides information about CC330xMOD family of devices and Wi-Fi®
features, as well as TI proprietary enhancements. The document does not provide the
complete application programming interface (API) set, but a high-level overview of the
features.
CC33xx Hardware
Integration
This document describes how to integrate the CC330xMOD into any system, and the
hardware requirements for this device. Layout and schematic considerations are listed
here as well, which TI highly recommends following to achieve the device performance
listed in this data sheet.
WFA QuickTrack
Control Application with
CC33xx User's Guide
This document provides information about using the QuickTrack Control App to certify
CC33xx devices according to Wi-Fi® standards. The document provides a high-level
overview of the certification process.
9.5 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com