Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUW48 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUW48
Description  HIGH POWER NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUW48 Datasheet(HTML) 1 Page - STMicroelectronics

  BUW48 Datasheet HTML 1Page - STMicroelectronics BUW48 Datasheet HTML 2Page - STMicroelectronics BUW48 Datasheet HTML 3Page - STMicroelectronics BUW48 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUW48
BUW49
HIGH POWER NPN SILICON TRANSISTORS
s
SGS-THOMSON PREFERRED SALESTYPES
s
NPN TRANSISTOR
s
HIGH CURRENT CAPABILITY
s
FAST SWITCHING SPEED
s
VERY LOW SATURATION VOLTAGE AND
HIGH GAIN
APPLICATION
s
SWITCHING REGULATORS
s
MOTOR CONTROL
s
HIGH FREQUENCY AND EFFICENCY
CONVERTERS
DESCRIPTION
The BUW48 and BUW49 are Multiepitaxial planar
NPN transistor in TO-218 plastic package.
It’s intented for use in high frequency
and
efficiency converters such us motor controllers
and industrial equipment.
INTERNAL SCHEMATIC DIAGRAM
July 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
BUW48
BUW49
Unit
VCEV
Collector-emitter Voltage (VBE = -1.5V)
120
160
V
VCEO
Collector-emitter Voltage (IB = 0)
60
80
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
30
A
ICM
Collector Peak Current
45
40
A
IB
Base Current
8
6
A
IBM
Base Peak Current
12
10
A
Ptot
Total Power Dissipation at Tcase
< 25 oC
150
W
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max Operating Junction Temperature
175
oC
1
2
3
TO-218
1/4


Similar Part No. - BUW48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
44Kb / 4P
HIGH POWER NPN SILICON TRANSISTORS
Oct-2003
logo
Savantic, Inc.
BUW48 SAVANTIC-BUW48 Datasheet
138Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUW48 ISC-BUW48 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BUW48 COMSET-BUW48 Datasheet
73Kb / 3P
HIGH CURRENT SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
More results

Similar Description - BUW48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
HIGH POWER NPN SILICON TRANSISTORS
Jan-2000
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Comset Semiconductor
2N6253 COMSET-2N6253 Datasheet
207Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6274 NJSEMI-2N6274 Datasheet
248Kb / 2P
HIGH-POWER NPN SILICON TRANSISTORS
logo
Comset Semiconductor
2N6253 COMSET-2N6253_12 Datasheet
88Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
Nell Semiconductor Co.,...
BUX48 NELLSEMI-BUX48 Datasheet
400Kb / 8P
High Power NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
NPN High Power Silicon Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com