Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUW48 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUW48
Description  HIGH POWER NPN SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUW48 Datasheet(HTML) 2 Page - STMicroelectronics

  BUW48 Datasheet HTML 1Page - STMicroelectronics BUW48 Datasheet HTML 2Page - STMicroelectronics BUW48 Datasheet HTML 3Page - STMicroelectronics BUW48 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEX
Collector Cut-off
Current
VCE = VCEX VBE = -1.5V
VCE = VCEX VBE = -1.5V
Tc =125
oC
1
3
mA
mA
IEBO
Emitter Cut-off
Current (IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 0.2A
L = 25 mH for BUW48
for BUW49
60
80
V
V
VEB0
Emitter-base
Voltage (Ic = 0)
IE = 50 mA
7
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 20A
IB = 2A
for BUW48
IC = 40A
IB = 4A
for BUW49
IC = 15A
IB = 1.5A
for BUW48
IC = 30A
IB = 3A
for BUW49
0.6
1.4
0.5
1.2
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 40A
IB = 4A
for BUW48
IC = 30A
IB = 3A
for BUW49
2.1
2
V
V
fT
Transition Frequency
IC = 1A
VCE = 15V
f = 15 MHz
8
MHz
RESISTIVE LOAD
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ton
ts
tf
Turn-on Time
Storage Time
Fall Time
for BUW48
VCC = 60V
IC = 40A
IB1 = -IB2 = 4A
1.2
0.6
0.17
1.5
1.1
0.25
µs
µs
µs
ts
tf
Storage Time
Fall Time
for BUW48
VCC = 60V
IC = 40A
IB1 = -IB2 = 4A
1.65
0.5
µs
µs
ton
ts
tf
Turn-on Time
Storage Time
Fall Time
for BUW49
VCC = 80V
IC = 30A
IB1 = -IB2 = 4A
0.8
0.6
0.15
1.2
1.1
0.25
µs
µs
µs
ts
tf
Storage Time
Fall Time
for BUW49
VCC = 80V
IC = 30A
IB1 = -IB2 = 4A
1.65
0.5
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle < 1.5 %
BUW48 / BUW49
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com