Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA211AI Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211AI Datasheet(HTML) 5 Page - Texas Instruments

  OPA211AI Datasheet HTML 1Page - Texas Instruments OPA211AI Datasheet HTML 2Page - Texas Instruments OPA211AI Datasheet HTML 3Page - Texas Instruments OPA211AI Datasheet HTML 4Page - Texas Instruments OPA211AI Datasheet HTML 5Page - Texas Instruments OPA211AI Datasheet HTML 6Page - Texas Instruments OPA211AI Datasheet HTML 7Page - Texas Instruments OPA211AI Datasheet HTML 8Page - Texas Instruments OPA211AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
OPA211
OPA2211
SBOS377D – OCTOBER 2006 – REVISED FEBRUARY 2008
ELECTRICAL CHARACTERISTICS: VS = ±2.25V to ±18V (continued)
BOLDFACE limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
Standard Grade
OPA211A, OPA2211A
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output
VOUT
RL = 10kΩ, AOL ≥ 114dB
(V–) + 0.2
(V+) – 0.2
V
RL = 600Ω, AOL ≥ 110dB
(V–) + 0.6
(V+) – 0.6
V
IO < 25mA, AOL ≥ 110dB
(V–) + 0.6
(V+) – 0.6
V
Short-Circuit Current
ISC
+30/–45
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
pF
Open-Loop Output Impedance
ZO
1MHz
5
Ω
SHUTDOWN
Shutdown Pin Input Voltage
Device shutdown
(V+) – 0.35
V
Device enabled
(V+) – 3
V
POWER SUPPLY
Specified Voltage
VS
±2.25
±18
V
Quiescent Current
IQ
IOUT = 0A
3.6
4.5
mA
(per channel)
Over Temperature
6
mA
TEMPERATURE RANGE
Specified Range
TA
–40
+125
°C
Operating Range
TA
–55
+150
°C
Thermal Resistance
Soldered to approximately
DFN (3mm
× 3mm)
θ
JA
65
°C/W
5cm
× 5cm copper area
θ
JC
57
°C/W
MSOP-8
θ
JA
200
°C/W
SO-8
θ
JA
150
°C/W
Test board 1in
× 0.5in heat-spreader,
SO-8 PowerPAD
θ
JA
52
°C/W
1oz copper
θ
JC
43
°C/W
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com