Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA211AI Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211AI Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA211AI Datasheet HTML 9Page - Texas Instruments OPA211AI Datasheet HTML 10Page - Texas Instruments OPA211AI Datasheet HTML 11Page - Texas Instruments OPA211AI Datasheet HTML 12Page - Texas Instruments OPA211AI Datasheet HTML 13Page - Texas Instruments OPA211AI Datasheet HTML 14Page - Texas Instruments OPA211AI Datasheet HTML 15Page - Texas Instruments OPA211AI Datasheet HTML 16Page - Texas Instruments OPA211AI Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.ti.com
TOTAL HARMONIC DISTORTION
OPA211
OPA2211
SBOS377D – OCTOBER 2006 – REVISED FEBRUARY 2008
Figure 41 illustrates both inverting and noninverting
feedback factor or noise gain of the circuit. The
op amp circuit configurations with gain. In circuit
closed-loop gain is unchanged, but the feedback
configurations
with
gain,
the
feedback
network
available for error correction is reduced by a factor of
resistors also contribute noise. The current noise of
101, thus extending the resolution by 101. Note that
the op amp reacts with the feedback resistors to
the input signal and load applied to the op amp are
create additional noise components. The feedback
the same as with conventional feedback without R3.
resistor values can generally be chosen to make
The value of R3 should be kept small to minimize its
these noise sources negligible. The equations for
effect on the distortion measurements.
total noise are shown for both configurations.
Validity
of
this
technique
can
be
verified
by
duplicating measurements at high gain and/or high
frequency
where
the
distortion
is
within
the
MEASUREMENTS
measurement
capability
of
the
test
equipment.
Measurements for this data sheet were made with an
OPA211 series op amps have excellent distortion
Audio
Precision
System
Two
distortion/noise
characteristics. THD + Noise is below 0.0001% (G =
analyzer, which greatly simplifies such repetitive
+1, VO = 3VRMS) throughout the audio frequency
measurements. The measurement technique can,
range, 20Hz to 20kHz, with a 600
Ω load.
however,
be
performed
with
manual
distortion
The distortion produced by OPA211 series op amps
measurement instruments.
is below the measurement limit of many commercially
available equipment. However, a special test circuit
illustrated in Figure 42 can be used to extend the
measurement capabilities.
Op amp distortion can be considered an internal error
source that can be referred to the input. Figure 42
shows a circuit that causes the op amp distortion to
be 101 times greater than normally produced by the
op amp. The addition of R3 to the otherwise standard
noninverting
amplifier
configuration
alters
the
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com