Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD882 Datasheet(PDF) 2 Page - Multicomp Pro

Part # CSD882
Description  Single Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CSD882 Datasheet(HTML) 2 Page - Multicomp Pro

  CSD882 Datasheet HTML 1Page - Multicomp Pro CSD882 Datasheet HTML 2Page - Multicomp Pro CSD882 Datasheet HTML 3Page - Multicomp Pro CSD882 Datasheet HTML 4Page - Multicomp Pro CSD882 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page <2>
V1.0
23/02/24
Single Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Typical Characteristics Curves
Classification of hFE
Rank
R
Q
P
E
Range
60 to 120
100 to 200
160 to 320
200 to 400
Test Conditions: VCE = 2.0V, IC = 1.0A
Note:
1. Pulse test: PW ≤300μs, duty cycle=2%
2. Pulse test: PW ≤350μs, duty cycle=2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com