Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD882 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CSD882
Description  Single Bipolar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CSD882 Datasheet(HTML) 1 Page - Multicomp Pro

  CSD882 Datasheet HTML 1Page - Multicomp Pro CSD882 Datasheet HTML 2Page - Multicomp Pro CSD882 Datasheet HTML 3Page - Multicomp Pro CSD882 Datasheet HTML 4Page - Multicomp Pro CSD882 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page <1>
V1.0
23/02/24
Single Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Absolute Maximum Ratings (Ta = 25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
Maximum Temperature storage Temperature
Tstg
-55 to +150
°C
Maximum Temperature Junction Temperature
Tj
150
Maximum Total power Dissipation
Ta = 25°C
Ptot
1
W
Tc = 25°C
10
Collector to Base Voltage
Ptot
40
V
Collector to Emitter Voltage
VCEO
30
Emitter to Base Voltage
VEBO
5
Collector Current (DC)
IC(DC)
3
A
Collector Current (Pulse)
IC(Pulse)1
7
Discription
•  The CSD882 is NPN Silicone Transistor suited for the Output Stage of 3
watt audio amplifier, Voltage regulator, DC-DC converter and relay driver.
Features:
1. Low Saturation Voltage:
VCE(sat) ≤0.5V (@ IC = 2A, IB = 0.2A)
2. Excellent hFE linearity and high hFE.
hFE: 60 to 400 (@ VCE = 2V, IC = 1A
3.  Less Cramping space required due to small and think package and reducing the trouble for attachment to 
a radiator no insulator bushing required
4. This product is available in AEC-Q101 Qualified and PPAP Capable also.
Note: For AEC-Q101 qualified products, please use suffix -AQ in the part number while ordering.
Parameter
Symbol
Test Condition
Min.
TYP.
MAX.
Unit
DC Current Gain
hFE 1
VCE = 2.0V, IC = 20mA 2
30
150
--
DC Current Gain
hFE 2
VCE = 2.0V, IC = 1.0A 2
60
160
400
Gain Bandwidth Product
fT
VCE = 5.0V, IC = 0.1A
--
90
--
MHz
Output Capacitance
Cob
VCB = 10V, IE = 0, f = MHz
45
pF
Collector Cutoff Current
ICBO
VCB = 30V, IE = 0,
--
1
μA
Emitter Cutoff Current
ICBO
VEB = 3.0V, IC = 0
Collector Saturation Voltage
VCE(sat)
IC = 2.0A, IB = 0.2A 2
0.3
0.5
V
Base Saturation Voltage
VBE(sat)
IC = 2.0A, IB = 0.2A 2
1
2
Electrical Characteristics at (Ta = 25°C Unless otherwise specified)


Similar Part No. - CSD882

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD882 CDIL-CSD882 Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
CSD882E CDIL-CSD882E Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
CSD882P CDIL-CSD882P Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
CSD882Q CDIL-CSD882Q Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
CSD882R CDIL-CSD882R Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching Applications
More results

Similar Description - CSD882

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com